Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF650 Datasheet(PDF) 10 Page - rfsolutions.ltd

Part # RF650
Description  SMART RADIO TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF650 Datasheet(HTML) 10 Page - rfsolutions.ltd

Back Button RF650 Datasheet HTML 3Page - rfsolutions.ltd RF650 Datasheet HTML 4Page - rfsolutions.ltd RF650 Datasheet HTML 5Page - rfsolutions.ltd RF650 Datasheet HTML 6Page - rfsolutions.ltd RF650 Datasheet HTML 7Page - rfsolutions.ltd RF650 Datasheet HTML 8Page - rfsolutions.ltd RF650 Datasheet HTML 9Page - rfsolutions.ltd RF650 Datasheet HTML 10Page - rfsolutions.ltd RF650 Datasheet HTML 11Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DS650-6 June ‘06
©2006 RF Solutions Ltd, www.rfsolutions.co.uk
Page 10
Tel 01273 898000 Fax 01273 480661
SMART RADIO TRANSCEIVER
RF650
6
Evaluation Board
• Direct RS232 Interface to PC
• Accepts 433 or 868MHz Modules
• Easy configuration with downloadable
software tool
• LED Indication of transmission
• Accepts a range of Antenna Sockets
• Supply Voltage 5 - 12Vdc
The RF650 evaluation board provides a reliable proven host board for development with the RF650
module. A single board is supplied, no RF650 module is included with the board and the antenna socket
is not fitted. This enables the board to be used for either the 433MHz or 868MHz module with a range of
antenna socket types.
6.1 Connections
6.1.1
Power
The evaluation board requires a 5 - 12Vdc power source. The maximum operational supply current is <50mA.
Power is applied to the two way screw terminal labelled ‘CN1A_B.’ The left hand side of the screw terminal is
GND (nearest the DB9 connector).
6.1.2
RS232 Connector
The RF Modem interfaces to the host computer via an RS232 connection using a standard DB9 connector as
shown in the diagram below.
8
3
2
20
7
6
4
5
22
1
2
3
4
5
6
7
8
9
PC Serial Port
DTE
(DB25)
RF M ode m
DCE
(DB9F)
Tx
Rx
DTR
GND
RTS
CTS
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
PC Se rial Port
DTE
(DB9)
RF M odem
DCE
(DB9F)
Tx
Rx
DTR
GND
RTS
CTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com