Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM-2012 Datasheet(PDF) 3 Page - Sumida Corporation

Part # SCM-2012
Description  Multilayer Chip Common Mode Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCM-2012 Datasheet(HTML) 3 Page - Sumida Corporation

  SCM-2012 Datasheet HTML 1Page - Sumida Corporation SCM-2012 Datasheet HTML 2Page - Sumida Corporation SCM-2012 Datasheet HTML 3Page - Sumida Corporation SCM-2012 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE
Multilayer Chip Common Mode Filter
——
SCM-2012
3/4
*All specifications are subject to change without notice.
SCM-2Y2012-121J
SCM-2Y2012-181J
1M
10M
100M
1G
1
10
100
1000
No
rm
al
Mo
de
Im
pe
da
nc
e
Co
mm
on
Mo
de
Im
pe
da
nc
e
CM-4(M/L)2012-181J
Frequency [ Hz ]
1M
10M
100M
1G
1
10
100
1000
No
rm
al M
od
e I
mp
ed
an
ce
Co
mm
on
Mo
de
Im
pe
da
nc
e
CM-4(M/L)2012-900J
Frequency [ Hz ]
1M
10M
100M
1G
1
10
100
1000
No
rm
al M
od
e I
mp
ed
an
ce
Co
mm
on
Mo
de
Im
pe
da
nc
e
CM-4(M/L)2012-700J
Frequency [ Hz ]
1M
10M
100M
1G
1
10
100
1000
No
rm
al m
od
e im
ped
anc
e
Co
mm
on
mo
de
im
pe
dan
ce
CM-2Y2012-121J
Frequency(Hz)
1M
10M
100M
1G
1
10
100
1000
No
rm
al M
od
e Im
ped
anc
e
Co
mm
on
Mo
de
Im
pe
da
nc
e
CM-2Y2012-181JT
Frequency[Hz]
2012 – 4Line (Double) -M type
2012 – 2Line (Single) – Y type
1M
10M
100M
1G
1
10
100
1000
No
rm
al M
od
e I
mp
ed
an
ce
Co
mm
on
Mo
de
Im
pe
da
nc
e
CM-4(M/L)2012-121J
Frequency [ Hz ]
SCM-4M2012-700J
SCM-4M2012-900J
SCM-4M2012-121J
SCM-4M2012-181J
1M
10M
100M
1G
1
10
100
1000
No
rm
al M
od
e I
mp
ed
an
ce
Co
mm
on
Mo
de
Im
pe
da
nc
e
CM-4(M/L)2012-221J
Frequency [ Hz ]
SCM-4M2012-201J
1M
10M
100M
1G
1
10
100
1000
No
rm
al M
od
e I
mp
ed
an
ce
Co
mm
on
Mo
de
Im
pe
da
nc
e
CM-4(M/L)2012-221J
Frequency [ Hz ]
SCM-4M2012-221J
1M
10M
100M
1G
1
10
100
1000
No
rm
al M
od
e Im
ped
anc
e
Co
mm
on
Mo
de
Imp
eda
nce
CM-2Y2012-900J
Frequency[Hz]
SCM-2Y2012-900J



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com