Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM-2012 Datasheet(PDF) 4 Page - Sumida Corporation

Part # SCM-2012
Description  Multilayer Chip Common Mode Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCM-2012 Datasheet(HTML) 4 Page - Sumida Corporation

  SCM-2012 Datasheet HTML 1Page - Sumida Corporation SCM-2012 Datasheet HTML 2Page - Sumida Corporation SCM-2012 Datasheet HTML 3Page - Sumida Corporation SCM-2012 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE
Multilayer Chip Common Mode Filter
——
SCM-2012
4/4
*All specifications are subject to change without notice.
10M
100M
1G
0
50
100
150
200
CM-2Y2012-181J
Frequency(Hz)
10M
100M
1G
0
50
100
150
200
CM-2Y2012-900J
Frequency[Hz]
10M
100M
1G
0
50
100
150
200
CM-2Y2012-121J
Frequency[Hz]
1M
10M
100M
1G
-30
-28
-25
-23
-20
-18
-15
-13
-10
-8
-5
-3
0
Co
mm
on
Mo
de
CM-2Y2012-900J
Frequency[Hz]
1M
10M
100M
1G
-30
-28
-25
-23
-20
-18
-15
-13
-10
-8
-5
-3
0
Co
mm
on
Mo
de
CM-2Y2012-181J
Frequency[Hz]
Characteristic Impedance vs. Frequency characteristics
2012-2Line – Y type
Insertion loss vs. Frequency Characteristics
2012-2Line – Y type
SCM-2Y2012-900J
SCM-2Y2012-121J
SCM-2Y2012-181J
SCM-2Y2012-900J
SCM-2Y2012-181J



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com