Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W1206R-12-RJPB Datasheet(PDF) 1 Page - TT Electronics.

Part # W1206R-12-RJPB
Description  Precision Thin Film Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

W1206R-12-RJPB Datasheet(HTML) 1 Page - TT Electronics.

  W1206R-12-RJPB Datasheet HTML 1Page - TT Electronics. W1206R-12-RJPB Datasheet HTML 2Page - TT Electronics. W1206R-12-RJPB Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Precision Thin Film
Chip Resistors
PFC Special Series
Standard 60/40 Sn/Pb and Pb-free (RoHS compliant)
terminations available
Available in 0402, 0603, 0805 and 1206
Tested for COTS applications
Absolute TCR to ±10ppm/°C
MIL screening available
Superior anti-sulfuration characteristics
IRC Advanced Film Division
General Note
IRC reserves the right to make changes in product specication without notice or liability .
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
PFC Series Issue August 2011 Sheet 1 of 4
Non-leaching
Nickel barrier
Wrap around
termination
Ultra stable Tantalum Nitride
resistor film system
Precision Thin Film
Chip Resistors
PFC Series
• Standard 60/40 Sn/Pb and Pb-free (RoHS compliant) terminations available
• Available in 0402, 0603, 0805 and 1206
• Tested for COTS applications
• Absolute TCR to ±10ppm/°C
•
•
MIL screening available
Superior anti-sulfuration characteristics
The TaNFilm ® PFC chip resistor series provides the high precision and ultra stable performance of our
Tantalum Nitride resistive film system in 0402, 0603, 0805 and 1206 sizes. The unique characteristics of the
passivated Tantalum Nitride film ensure long term life stability and reliability in most environments.
Qualified for resistance to sulfur bearing gases, the PFC series is an excellent solution for automotive and
heavy equipment applications where precision, exceptional reliability with anti-sulfuration characteristics
is imperative.
Electrical Data
Model
Power Rating
(70°C)
Max Voltage
Rating (
P x R)
Temperature
Range
ESD
Sensitivity
Noise
Termination
Substrate
W0402
50mW
75V
-65°C to +150°C
2KV to 4KV
(HBM)
<-25dB
100% matte tin
(RoHS
compliant)
plated over
nickel barrier
99.5%
Alumina
W0603
100mW
75V
W0805
250mW
100V
W1206
333mW
200V
Environmental Test
Test Method
Performance
Typical
Maximum
Sulfuration Test (ASLF terminations only)
ASTM B-809 (Modified) 105°C Dry, 1000 Hours
±0.02%
±0.05%
Thermal Shock
MIL-PRF-55342
±0.02%
±0.10%
Low Temperature Operation
MIL-PRF-55342
±0.01%
±0.05%
Short Time Overload
MIL-PRF-55342
±0.01%
±0.05%
High Temperature Exposure
MIL-PRF-55342
±0.03%
±0.10%
Effects of Solder
MIL-PRF-55342
±0.01%
±0.10%
Moisture Resistance
MIL-PRF-55342
±0.03%
±0.10%
Life
MIL-PRF-55342
±0.03%
±0.10%
Environmental Data
Using the same manufacturing line as the PFC Military Series, these precision chips maintain the same
superior environmental performance. Specially selected materials and processes ensure initial precision is
maintained in the harshest surface mount soldering environment. Wrap-around terminations with leach-resistant
nickel barriers ensure high integrity solder connections.
Resistors
09.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)


Similar Part No. - W1206R-12-RJPB

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
W1206R-12-RJI TTELEC-W1206R-12-RJI Datasheet
839Kb / 3P
Precision Thin Film Chip Resistors
10.18
More results

Similar Description - W1206R-12-RJPB

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
Precision Thin Film Chip Resistors
16-Jan-13
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
Thin Film Precision Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
Precision Thin Film Chip Resistors
05-Oct-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com