Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W1206R-12-RJPB Datasheet(PDF) 3 Page - TT Electronics.

Part # W1206R-12-RJPB
Description  Precision Thin Film Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

W1206R-12-RJPB Datasheet(HTML) 3 Page - TT Electronics.

  W1206R-12-RJPB Datasheet HTML 1Page - TT Electronics. W1206R-12-RJPB Datasheet HTML 2Page - TT Electronics. W1206R-12-RJPB Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Precision Thin Film
Chip Resistors
PFC Special Series
Physical Data
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: W1206R-01-1K0BI (1206, 100ppm/°C, 1 kilohm ±0.1%, Pb-fre
Pb-free
e)
W 1
2
0
6 R
-
0 1
-
1 K 0 B
I
1
2
3
4
5
6
USA (IRC) Commercial Part Number: PFC-W1206LF-01-1001-B (1206, 100ppm/°C, 1 kilohm ±0.1%,
)
P F C
- W 1
2
0
6
L F
-
0
1
-
1
0
0
1
-
B
1
2
3
4
5
6
Dimensions in inches (mm)
Model
L
W
H
a
b
W0402
0.04 ±0.002
(1.02 ±0.05)
0.021 ±0.002
(0.53 ±0.05)
0.012 ±0.003
(0.3 ±0.08)
0.008 ±0.002
(0.2 ±0.05)
0.01 ±0.002
(0.25 ±0.05)
W0603
0.063 ±0.004
(1.6 ±0.1)
0.031 ±0.004
(0.79 ±0.1)
0.02 ±0.004
(0.51 ±0.1)
0.012 ±0.005
(0.3 ±0.13)
0.015 ±0.005
(0.38 ±0.13)
W0805
0.081 ±0.005
(2.06 ±0.13)
0.05 ±0.005
(1.27 ±0.13)
0.02 ±0.006
(0.51 ±0.15)
0.015 ±0.008
(0.38 ±0.2)
0.016 ±0.008
(0.41 ±0.2)
W1206
0.126 ±0.006
(3.2 ±0.15)
0.063 ±0.005
(1.6 ±0.13)
0.024 ±0.004
(0.61 ±0.1)
0.025 ±0.01
(0.64 ±0.25)
0.025 ±0.01
(0.64 ±0.25)
1
2
3
4
5
6
Type
Size
TCR
Value
Tolerance
Termination & Packing
W=PFC 0402 R-12 = ±10ppm/°C E24 = 3/4 characters
E96 = 3/4 characters
R = ohms
K = kilohms
M = megohms
Q = ±0.02%
I = Pb-free, Standard pack
0603 R-11 = ±15ppm/°C
A = ±0.05% PB = SnPb finish, Standard pack
0805
R = ±25ppm/°C
B = ±0.1%
All sizes
1000/reel
1206 R-02 = ±50ppm/°C
D = ±0.5%
R-01 = ±100ppm/°C
F = ±1%
G = ±2%
J = ±5%
1
2
3
4
5
6
Family Model
Termination
TCR
Value
Tolerance
Packing
PFC
W0402
R = SnPb (60/40)
12 = ±10ppm/°C 3 digits + multiplier Q = ±0.02% All sizes 1000/reel
W0603 LF = Pb-free (100%Sn) 11 = ±15ppm/°C
R = ohms for
values <100 ohms
A = ±0.05%
W0805 ASLF = Anti-sulfur &
Pb-free (100%Sn)
03 = ±25ppm/°C
B = ±0.1%
W1206
02 = ±50ppm/°C
D = ±0.5%
01 = ±100ppm/°C
F = ±1%
G = ±2%
J = ±5%
Physical Data
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: W1206R-01-1K0BI (1206, 100ppm/°C, 1 kilohm ±0.1%, Pb-fre
Pb-free
e)
W 1
2
0
6 R
-
0 1
-
1 K 0 B
I
1
2
3
4
5
6
USA (IRC) Commercial Part Number: PFC-W1206LF-01-1001-B (1206, 100ppm/°C, 1 kilohm ±0.1%,
)
P F C
- W 1
2
0
6
L F
-
0
1
-
1
0
0
1
-
B
1
2
3
4
5
6
Dimensions in inches (mm)
Model
L
W
H
a
b
W0402
0.04 ±0.002
(1.02 ±0.05)
0.021 ±0.002
(0.53 ±0.05)
0.012 ±0.003
(0.3 ±0.08)
0.008 ±0.002
(0.2 ±0.05)
0.01 ±0.002
(0.25 ±0.05)
W0603
0.063 ±0.004
(1.6 ±0.1)
0.031 ±0.004
(0.79 ±0.1)
0.02 ±0.004
(0.51 ±0.1)
0.012 ±0.005
(0.3 ±0.13)
0.015 ±0.005
(0.38 ±0.13)
W0805
0.081 ±0.005
(2.06 ±0.13)
0.05 ±0.005
(1.27 ±0.13)
0.02 ±0.006
(0.51 ±0.15)
0.015 ±0.008
(0.38 ±0.2)
0.016 ±0.008
(0.41 ±0.2)
W1206
0.126 ±0.006
(3.2 ±0.15)
0.063 ±0.005
(1.6 ±0.13)
0.024 ±0.004
(0.61 ±0.1)
0.025 ±0.01
(0.64 ±0.25)
0.025 ±0.01
(0.64 ±0.25)
1
2
3
4
5
6
Type
Size
TCR
Value
Tolerance
Termination & Packing
W=PFC 0402 R-12 = ±10ppm/°C E24 = 3/4 characters
E96 = 3/4 characters
R = ohms
K = kilohms
M = megohms
Q = ±0.02%
I = Pb-free, Standard pack
0603 R-11 = ±15ppm/°C
A = ±0.05% PB = SnPb finish, Standard pack
0805
R = ±25ppm/°C
B = ±0.1%
All sizes
1000/reel
1206 R-02 = ±50ppm/°C
D = ±0.5%
R-01 = ±100ppm/°C
F = ±1%
G = ±2%
J = ±5%
1
2
3
4
5
6
Family Model
Termination
TCR
Value
Tolerance
Packing
PFC
W0402
R = SnPb (60/40)
12 = ±10ppm/°C 3 digits + multiplier Q = ±0.02% All sizes 1000/reel
W0603 LF = Pb-free (100%Sn) 11 = ±15ppm/°C
R = ohms for
values <100 ohms
A = ±0.05%
W0805 ASLF = Anti-sulfur &
Pb-free (100%Sn)
03 = ±25ppm/°C
B = ±0.1%
W1206
02 = ±50ppm/°C
D = ±0.5%
01 = ±100ppm/°C
F = ±1%
G = ±2%
J = ±5%
USA (IRC) Mil Screened Part Number*: PFC-W1206R-05-1001-B (1206, 100ppm/°C, 1 kilohm ±0.1%,)
P F C
- W 1
2
0
6 R
-
0
5
-
1
0
0
1
-
B
1
2
3
4
5
6
* Please refer to the PFC Military datasheet to order parts qualified to MIL-PRF-55342.
1
2
3
4
5
6
Family Model
Termination
TCR
Value
Tolerance
Packing
PFC
W0402 R = SnPb (60/40) 16 = ±10ppm/°C 3 digits + multiplier
All sizes 1000/reel
W0603
15 = ±15ppm/°C
R = ohms for
values <100 ohms
W0805
14 = ±20ppm/°C
B = ±0.1%
W1206
07 = ±25ppm/°C
D = ±0.5%
06 = ±50ppm/°C
F = ±1%
05 = ±100ppm/°C
G = ±2%
04 = ±300ppm/°C
J = ±5%
09.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
* Please refer to the MIL-CHIP datasheet to order parts qualified to MIL-PRF-55342.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com