Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS120T48 Datasheet(PDF) 7 Page - STMicroelectronics

Part # GS120T48
Description  120W/175W DC-DC CONVERTERS FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS120T48 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button GS120T48 Datasheet HTML 2Page - STMicroelectronics GS120T48 Datasheet HTML 3Page - STMicroelectronics GS120T48 Datasheet HTML 4Page - STMicroelectronics GS120T48 Datasheet HTML 5Page - STMicroelectronics GS120T48 Datasheet HTML 6Page - STMicroelectronics GS120T48 Datasheet HTML 7Page - STMicroelectronics GS120T48 Datasheet HTML 8Page - STMicroelectronics GS120T48 Datasheet HTML 9Page - STMicroelectronics GS120T48 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
USER NOTES
Reflected Input Current
The reflected input current measurement (lir, see Electrical Characteristics) is performed according to the
test set-up of fig. 2.
Figure 2.
Softstart
To avoid heavy inrush current the output voltage
rise time is 10ms maximum in any condition of load.
Remote Sensing
The remote voltage sense compensation range is
for a total drop of 0.6V equally shared between the
load connecting wires.
It is a good practice to shield the sensing wires to
avoid oscillations.
See the connection diagram on figures 3, 4, 5, 6.
Remote ON/OFF
The module is controlled by the voltage applied
between the ON/OFF pin and -IN pin.
The converter is ON (Enable) when the voltage
applied is lower than 1.2 V (see Vien on Electrical
Characteristics).
The converter is OFF (Inhibit) for a control voltage
in the range of 8 to 18V (see Viinh).
When the pin is unconnected the converter is OFF.
Maximum sinking current is 1mA.
Module Protection
The module is protected against occasional and
permanent shortcircuits of the output pins to
ground, as well as against output current overload.
It uses a current limiting protection circuitry, avoid-
ing latch-up problems with certain type of loads.
A crowbar output overvoltage protection is activated
when the output voltage exceeds the specified
values (see Electrical Characteristics).
Parallel Operation
To increase available output regulated power, the
module features the parallel connection possibility
with equal current sharing and maximum deviation
of 10% (two modules in parallel).
See the connection diagram on figures 3, 4, 5, 6.
GS120/175T48 FAMILY



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com