Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS120T48 Datasheet(PDF) 6 Page - STMicroelectronics

Part # GS120T48
Description  120W/175W DC-DC CONVERTERS FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS120T48 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button GS120T48 Datasheet HTML 2Page - STMicroelectronics GS120T48 Datasheet HTML 3Page - STMicroelectronics GS120T48 Datasheet HTML 4Page - STMicroelectronics GS120T48 Datasheet HTML 5Page - STMicroelectronics GS120T48 Datasheet HTML 6Page - STMicroelectronics GS120T48 Datasheet HTML 7Page - STMicroelectronics GS120T48 Datasheet HTML 8Page - STMicroelectronics GS120T48 Datasheet HTML 9Page - STMicroelectronics GS120T48 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Package T. Dimensions in mm (inches).
CONNECTION DIAGRAM AND MECHANICAL DATA
Figure 1.
6/10
PIN DESCRIPTION
Pin
Function
Description
1- IN
Negative input voltage.
2+ IN
Positive input voltage. Unregulated input voltage (typically 48V) must be applied between
pin 1-2.
3
ON/OF F
The converter is ON (Enable) when the voltage applied to this pin with reference to pin 1 is
lower than 1.2V (see Vien). The converter is OFF (Inhibit) for a control voltage in the range
of 8 to 18V. When the pin is unconnected the converter is OFF (Inhibit).
4
CASE
Case connection pin.
5
SYNC
Synchronization pin. See figures 3, 4, 5, 6. Open when not used.
6
PARALLEL
Parallel output. See figures 3, 4, 5, 6. Open when not used.
7
+ SENSE
Senses the remote load high side. To be connected to pin 11,12 when remote sense is not
used.
8
- SENSE
Senses the remote load return. To be connected to pin 9,10 when remote sense is not
used. In parallel configuration, take care to connect all -S pins together (see figures 3,4,5,6).
9,10
- OUT
Fixed output voltage return.
11,12
+ OUT
Fixed output voltage.
GS120/175T48 FAMILY



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com