Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS16150C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS16150C
Description  150 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS16150C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS16150C Datasheet HTML 1Page - STMicroelectronics STPS16150C Datasheet HTML 2Page - STMicroelectronics STPS16150C Datasheet HTML 3Page - STMicroelectronics STPS16150C Datasheet HTML 4Page - STMicroelectronics STPS16150C Datasheet HTML 5Page - STMicroelectronics STPS16150C Datasheet HTML 6Page - STMicroelectronics STPS16150C Datasheet HTML 7Page - STMicroelectronics STPS16150C Datasheet HTML 8Page - STMicroelectronics STPS16150C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current (per diode)
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
IF(AV) (A)
= 0.05
= 0.1
= 0.2
= 0.5
= 1
T
=tp/T
tp
PF(AV)(W)
δ
δ
δ
δ
δ
δ
Figure 2. Average forward current versus ambient
temperature (δ = 0.5, per diode)
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
7
8
9
Tamb (° C)
Rth(j-a)=Rth(j-c)
Rth(j-a) =15°C/W
T
=tp/T
tp
IF(AV)(A)
δ
Figure 3. Normalized avalanche power derating versus
pulse duration (Tj = 125 °C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 4. Relative variation of thermal impedance junction
to case versus pulse duration
1E-3
1E-2
1E-1
1E+0
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
tp(s )
Single pulse
Zth(j-c)/Rth(j-c)
STPS16150C
Characteristics (curves)
DS2251 - Rev 3
page 3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com