Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS16150C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS16150C
Description  150 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS16150C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS16150C Datasheet HTML 1Page - STMicroelectronics STPS16150C Datasheet HTML 2Page - STMicroelectronics STPS16150C Datasheet HTML 3Page - STMicroelectronics STPS16150C Datasheet HTML 4Page - STMicroelectronics STPS16150C Datasheet HTML 5Page - STMicroelectronics STPS16150C Datasheet HTML 6Page - STMicroelectronics STPS16150C Datasheet HTML 7Page - STMicroelectronics STPS16150C Datasheet HTML 8Page - STMicroelectronics STPS16150C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Figure 5. Reverse leakage current versus reverse voltage
applied (typical values, per diode)
0
25
50
75
100
125
150
1E -1
1E +0
1E +1
1E +2
1E +3
1E +4
1E +5
VR(V)
IR(µA)
Tj =125°C
Tj =25°C
Tj =150°C
Tj =75°C
Tj =175°C
Figure 6. Junction capacitance versus reverse voltage
applied (typical values, per diode)
1
2
5
10
20
50
100
200
10
100
1000
VR(V)
C(pF)
F= 1MHz
Tj = 25°C
Figure 7. Forward voltage drop versus forward current (per diode)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2. 0
0.1
1.0
10. 0
100. 0
VF(V)
IF(A)
Tj =125°C
Typical values
Tj =125°C
Tj =25°C
Maximum values
Maximum values
STPS16150C
Characteristics (curves)
DS2251 - Rev 3
page 4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com