Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20120C Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPS20120C
Description  Power Schottky rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20120C Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPS20120C Datasheet HTML 6Page - STMicroelectronics STPS20120C Datasheet HTML 7Page - STMicroelectronics STPS20120C Datasheet HTML 8Page - STMicroelectronics STPS20120C Datasheet HTML 9Page - STMicroelectronics STPS20120C Datasheet HTML 10Page - STMicroelectronics STPS20120C Datasheet HTML 11Page - STMicroelectronics STPS20120C Datasheet HTML 12Page - STMicroelectronics STPS20120C Datasheet HTML 13Page - STMicroelectronics STPS20120C Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DocID11212 Rev 4
13/14
STPS20120C
Ordering information
14
3
Ordering information
4
Revision history
Table 9. Ordering information
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STPS20120CT
STPS20120CT
TO-220AB
1.9 g
50
Tube
STPS20120CR
STPS20120CR
I2PAK
1.5 g
50
Tube
STPS20120CB-TR
PS20 120CB
DPAK
0.32 g
2500
Tape and reel
STPS20120CTN
STPS20120CTN
TO-220AB
narrow leads
1.9 g
50
Tube
Table 10. Document revision history
Date
Revision
Changes
18-Feb-2005
1
First issue
03-May-2007
2
Reformatted to current standards. Added TO-220FPAB package.
15-Jun-2012
3
Added TO-220 narrow leads package.
02-Nov-2016
4
Added DPAK package and removed TO-220FPAB package.
Reformatted to current standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com