Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20120C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS20120C
Description  Power Schottky rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20120C Datasheet(HTML) 2 Page - STMicroelectronics

  STPS20120C Datasheet HTML 1Page - STMicroelectronics STPS20120C Datasheet HTML 2Page - STMicroelectronics STPS20120C Datasheet HTML 3Page - STMicroelectronics STPS20120C Datasheet HTML 4Page - STMicroelectronics STPS20120C Datasheet HTML 5Page - STMicroelectronics STPS20120C Datasheet HTML 6Page - STMicroelectronics STPS20120C Datasheet HTML 7Page - STMicroelectronics STPS20120C Datasheet HTML 8Page - STMicroelectronics STPS20120C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Characteristics
STPS20120C
2/14
DocID11212 Rev 4
1
Characteristics
When the two diodes 1 and 2 are used simultaneously:
Tj(diode1) = P(diode1) x Rth(j-c)(per diode) + P(diode2) x Rth(c)
To evaluate the conduction losses, use the following equation:
P = 0.62 x IF(AV) + 0.012 x IF2(RMS)
Table 2. Absolute ratings (limiting values per diode at Tamb = 25 °C unless otherwise stated)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
120
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward current,
 = 0.5, square wave
Tc = 150 °C
per diode
10
A
Tc = 145 °C
per device
20
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
150
A
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
330
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(1)
175
°C
1.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
<
1
Rth(j-a)
Table 3. Thermal parameters
Symbol
Parameter
Max. value
Unit
Rth(j-c) Junction to case
per diode
3
°C/W
total
1.8
Rth(c)
Coupling
0.6
Table 4. Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-10
µA
Tj = 125 °C
-
1.5
5
mA
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 2.5 A
-0.70
V
Tj = 125 °C
-
0.54
0.58
Tj = 25 °C
IF = 10 A
-0.92
Tj = 125 °C
-
0.70
0.74
Tj = 25 °C
IF = 20 A
-1.02
Tj = 125 °C
-
0.81
0.86
1. Pulse test: tp = 5 ms,  < 2%
2. Pulse test: tp = 380 µs,  < 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com