Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20120CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS20120CT
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20120CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPS20120CT Datasheet HTML 1Page - STMicroelectronics STPS20120CT Datasheet HTML 2Page - STMicroelectronics STPS20120CT Datasheet HTML 3Page - STMicroelectronics STPS20120CT Datasheet HTML 4Page - STMicroelectronics STPS20120CT Datasheet HTML 5Page - STMicroelectronics STPS20120CT Datasheet HTML 6Page - STMicroelectronics STPS20120CT Datasheet HTML 7Page - STMicroelectronics STPS20120CT Datasheet HTML 8Page - STMicroelectronics STPS20120CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
A
K
A
K
K
TO-220AC
Features
•
High junction temperature capability
•
Avalanche rated
•
Low leakage current
•
Good trade-off between leakage current and forward voltage drop
•
ECOPACK®2 compliant
Applications
•
Switching diode
•
SMPS
•
DC/DC converter
•
LED lighting
•
Notebook adapter
Description
This single Schottky rectifier is suited for high frequency switch mode power supply.
Packaged in TO-220AC, the STPS20120D is optimized for use in notebook & LCD
adaptors, desktop SMPS, providing in these applications a margin between the
remaining voltages applied on the diode and the voltage capability of the diode.
Product status link
STPS20120D
Product summary
Symbol
Value
IF(AV)
20 A
VRRM
120 V
Tj (max.)
175 °C
VF (typ.)
0.72 V
120 V power Schottky rectifier
STPS20120D
Datasheet
DS4232 - Rev 2 - July 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS20120CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20120CT STMICROELECTRONICS-STPS20120CT Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
18-Feb-2005
STPS20120CT STMICROELECTRONICS-STPS20120CT Datasheet
116Kb / 9P
Power Schottky rectifier
03-May-2007
logo
Inchange Semiconductor ...
STPS20120CT ISC-STPS20120CT Datasheet
258Kb / 2P
Power Schottky Rectifier
logo
STMicroelectronics
STPS20120CT STMICROELECTRONICS-STPS20120CT Datasheet
275Kb / 14P
Power Schottky rectifier
02-Nov-2016
STPS20120CTN STMICROELECTRONICS-STPS20120CTN Datasheet
275Kb / 14P
Power Schottky rectifier
02-Nov-2016
More results

Similar Description - STPS20120CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com