Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20120CTN Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS20120CTN
Description  Power Schottky rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20120CTN Datasheet(HTML) 1 Page - STMicroelectronics

  STPS20120CTN Datasheet HTML 1Page - STMicroelectronics STPS20120CTN Datasheet HTML 2Page - STMicroelectronics STPS20120CTN Datasheet HTML 3Page - STMicroelectronics STPS20120CTN Datasheet HTML 4Page - STMicroelectronics STPS20120CTN Datasheet HTML 5Page - STMicroelectronics STPS20120CTN Datasheet HTML 6Page - STMicroelectronics STPS20120CTN Datasheet HTML 7Page - STMicroelectronics STPS20120CTN Datasheet HTML 8Page - STMicroelectronics STPS20120CTN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
November 2016
DocID11212 Rev 4
1/14
STPS20120C
Power Schottky rectifier
Datasheet
- production data
Features
 High junction temperature capability
 Good trade-off between leakage current and
forward voltage drop
 Low leakage current
 Avalanche capability specified
 ECOPACK®2 compliant component for DPAK
on demand
Description
This dual diode Schottky rectifier is suited for high
frequency switched mode power supplies.
Packaged in DPAK, TO-220AB, TO-220AB
narrow leads and I²PAK, this device is intended to
be used in notebook and LCD adaptors, desktop
SMPS, providing in these applications a margin
between the remaining voltages applied on the
diode and the voltage capability of the diode.
Table 1. Device summary
Symbol
Value
IF(AV)
2 X 10 A
VRRM
120 V
Tj (max)
175 °C
VF (typ)
0.70 V
www.st.com


Similar Part No. - STPS20120CTN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20120CTN STMICROELECTRONICS-STPS20120CTN Datasheet
198Kb / 9P
Power Schottky rectifier
02-Jul-2018
More results

Similar Description - STPS20120CTN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com