Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS25T48-15 Datasheet(PDF) 3 Page - STMicroelectronics

Part # GS25T48-15
Description  25/30 W DC-DC CONVERTER FAMILY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS25T48-15 Datasheet(HTML) 3 Page - STMicroelectronics

  GS25T48-15 Datasheet HTML 1Page - STMicroelectronics GS25T48-15 Datasheet HTML 2Page - STMicroelectronics GS25T48-15 Datasheet HTML 3Page - STMicroelectronics GS25T48-15 Datasheet HTML 4Page - STMicroelectronics GS25T48-15 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Io
Output Current
GS25T48-5
Vi =36 to 72V
05
A
GS30T48-12
Vi =36 to 72V
0
2.5
GS30T48-15
Vi =36 to 72V
02
Iosck
Output Current Limit
GS25T48-5
Vi = 48V
Overload
5.5
A
GS30T48-12
Vi = 48V
Overload
2.75
GS30T48-15
Vi = 48V
Overload
2.2
tss
Soft-start Time
Vi = 48V
Full Load
30
ms
trt
Transient Recovery
Time
Vi = 48V
Step Load Change
δIo = 25%
75
µs
Vis
Isolation Voltage
500
Vdc
Ris
Isolation Resistance
10
9
fs
Switching Frequency
150
kHz
η
Efficiency
GS25T48-5
Vi = 48V
Full Load
81
%
GS30T48-12
Vi = 48V
Full Load
86
GS30T48-15
Vi = 48V
Full Load
86
Rthc
Thermal Resistance
Case to Ambient
4
°C/W
ELECTRICAL CHARACTERISTICS (Tamb =25
°C unless otherwise specified) (cont’d)
3/5
GS25/30T48 FAMILY



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com