Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS25T48-15 Datasheet(PDF) 4 Page - STMicroelectronics

Part # GS25T48-15
Description  25/30 W DC-DC CONVERTER FAMILY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS25T48-15 Datasheet(HTML) 4 Page - STMicroelectronics

  GS25T48-15 Datasheet HTML 1Page - STMicroelectronics GS25T48-15 Datasheet HTML 2Page - STMicroelectronics GS25T48-15 Datasheet HTML 3Page - STMicroelectronics GS25T48-15 Datasheet HTML 4Page - STMicroelectronics GS25T48-15 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Package F. Dimensions in mm. (inches)
CONNECTION DIAGRAM AND MECHANICAL DATA
4/5
PIN DESCRIPTION
Pin
Function
Description
1
- IN
Negative input voltage.
2
+IN
Positive input voltage. Unregulated input voltage (typically 48V) must be applied between
pins 1-2. The input section of the DC-DC converter is protected against reverse polarity by
a series diode. No external fuse is required. Input is filtered by a Pi network.
3
ON/OFF
Logically compatible with CMOS or open collector TTL. The converter is ON (Enable)
when the voltage applied to this pin with reference to pin 1 is higher than 1.8V. The
converter is OFF (Inhibit) for a control voltage lower than 1.2V. When the pin is
unconnected the converter is ON (Enable).
4
+ SENSE
Senses the remote load high side. To be connected to pin 6 when remote sense is not
used.
5
- SENSE
Senses the remote load return. To be connected to pin 7 when remote sense is not used.
6
+ OUT
Output voltage.
7
- OUT
Output voltage return.
GS25/30T48 FAMILY



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com