Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM03 Datasheet(PDF) 1 Page - TM Electronics Inc

Part # TM03
Description  TYPE T LEGIONELLA TEMPERATURE KIT WITH THERMOMETER, STANDARD PROBES AND ACCESSORIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc

TM03 Datasheet(HTML) 1 Page - TM Electronics Inc

  TM03 Datasheet HTML 1Page - TM Electronics Inc TM03 Datasheet HTML 2Page - TM Electronics Inc TM03 Datasheet HTML 3Page - TM Electronics Inc TM03 Datasheet HTML 4Page - TM Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LEGK1
TYPE T LEGIONELLA TEMPERATURE KIT WITH THERMOMETER, STANDARD
PROBES AND ACCESSORIES
MM2008 Thermometer
FEATURES
A single input thermocouple thermometer with an integral timer with a separate 1 minute and 2
minute count. This thermometer is primarily developed for use in Legionella risk management and
offers reassurance that the correct reading is taken when monitoring hot and cold water
temperatures.
Single input thermocouple thermometer
C/ F switchable
Counter ensures that the correct temperature is met
1 minute counter for hot water temperatures
2 minute counter for cold water temperature
Resolution of 0.1
 to 1000 autoranging
Switchable thermocouple K & T only
Full retention of thermocouple type and temperature scale
Auto Switch Off capability
Easy to use software calibration
Overrange / Open circuit sensor indication
Low battery indication
Supplied complete with shock resistant rubber boot
IP67 casing
USING THE TIMER
1. Press either
for 1 minute count or
for 2 minute count.
2. Press the same button again to switch off.
SPECIFICATION
Environmental
AMBIENT OPERATING RANGE
:
-30 to 50
C
STORAGE TEMPERATURE RANGE
:
-40 to 50
C
HUMIDITY
:
0 to 70% R.H.
ELECTRICAL
MEASUREMENT RANGES
:
K
-200 to 1372
C
T
-200 to 400
C
THERMOCOUPLE TYPES
:
K & T
TEMPERATURE SCALES
:
C / F
ACCURACY @23
C
:
+/- 0.1% OF READING +/- 0.2
C
CHARACTERISING ACCURACY
:
LESS THAN 0.05
C
TEMPERATURE COEFFICIENT
:
0.01% OF READING /
C
COLD JUNCTION COMPENSATION
:
0.0075
C/C
RESOLUTION
:
0.1
 to 1000, 1 ABOVE 1000


Similar Part No. - TM03

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
TM03 TM-TM03 Datasheet
63Kb / 2P
T TYPE THERMOCOUPLE THERMOMETER WITH HOLD FUNCTION
V2
TM03 TM-TM03 Datasheet
97Kb / 4P
Type T Food Kit with Thermometer, Standard Probes, Temperature Record Book and Case
TM03 TM-TM03 Datasheet
102Kb / 3P
Legionella Temperature Monitoring Kit – Includes MM2008 Digital Thermometer and Budget K Type Dual Surface/Immersion Probe
logo
GSR Technology Ltd
TM030LDHT1 GSR-TM030LDHT1 Datasheet
336Kb / 2P
TFT Modules
logo
Transcom, Inc.
TM031-035-14-06 TRANSCOM-TM031-035-14-06 Datasheet
27Kb / 1P
3.1 - 3.5 GHz LNA Module
More results

Similar Description - TM03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM-301 ETC2-DM-301 Datasheet
3Mb / 16P
THERMOCOUPLE & RESISTANCE THERMOMETER SENSORS & PROBES
logo
Extech Instruments Corp...
HDV-5CAM-3R EXTECH-HDV-5CAM-3R Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-5CAM-10F EXTECH-HDV-5CAM-10F Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-25CAM-30G EXTECH-HDV-25CAM-30G Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-TX1 EXTECH-HDV-TX1 Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-TX1L EXTECH-HDV-TX1L Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
HDV-WTX2L EXTECH-HDV-WTX2L Datasheet
697Kb / 1P
HDV Accessories VideoScope Camera probes & accessories
logo
List of Unclassifed Man...
N2893A ETC2-N2893A Datasheet
8Mb / 29P
InfiniiVision Oscilloscope Probes and Accessories
logo
Keysight Technologies
54754A KEYSIGHT-54754A Datasheet
5Mb / 16P
DCA Probes Accessories
logo
E+E Elektronik Ges.m.b....
EE220 EPLUSE-EE220 Datasheet
3Mb / 10P
Humidity and Temperature Sensor with Interchangeable Probes
01-2024
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com