Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM03 Datasheet(PDF) 2 Page - TM Electronics Inc

Part # TM03
Description  TYPE T LEGIONELLA TEMPERATURE KIT WITH THERMOMETER, STANDARD PROBES AND ACCESSORIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc

TM03 Datasheet(HTML) 2 Page - TM Electronics Inc

  TM03 Datasheet HTML 1Page - TM Electronics Inc TM03 Datasheet HTML 2Page - TM Electronics Inc TM03 Datasheet HTML 3Page - TM Electronics Inc TM03 Datasheet HTML 4Page - TM Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GENERAL
BATTERY
:
PP3 9V I.E.C. 6F22
BATTERY LIFE (INTERMITTENT USE)
:
GREATER THAN 200 HOURS (ALKALINE)
WEIGHT
:
155 gm
DIMENSIONS
:
130 X 70 X 33 mm
Probes
All probes are manufactured using:
Type ‘T’ Thermocouple
: ½ Class I
(±0.25°C ±0.15%)
Two stage moulding technique. Firstly the probes are encased in tough nylon, then
a thermoplastic over moulding is applied. This gives an extremely robust and
durable construction.
Polypropylene Handles: Polypropylene is an extremely tough and durable material,
commonly used for milk crates; it has good low temperature performance and a
relatively high melt temperature. It performs exceptionally well under chemical
attack
Polypropylene Cable:
Polyurethane cables are used in place of the standard PVC for the following
reasons :-
Greater retractability
Enhanced memory of its curl
Non–Toxic
Greater mechanical strength for durability
12 X 0.2mm wires used internally for greater strength.
PTFE inner insulation for strength and retractability.
TS07 SPRUNG SHIELD SURFACE PROBE
The probe is designed for the measurement of surface temperatures with wide temperature
range.
Construction
Surface probe with sprung tip with thermocouple sensor attached with draught shield: Stainless
Steel 316 (Food Grade). 2M curly polyurethane cable with moulded connector.
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
TIME RESPONSE
(96% of valueon clean metal)
: 3.0 Secs
MEASUREMENT RANGE
: -50 TO 400 °C
TM03 TYPE ‘T’ GENERAL PURPOS/IMMERSION PROBE
The probe is truly general purpose and may be used for gas, liquid or applications with difficult
access.
Construction
Minerally Insulated Probe 3.0 mm Diameter by 100mm Long: Stainless Steel 316 (Food Grade).
2M curly polyurethane cable with moulded connector. Complete waterproof assembly.
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com