Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138128 Datasheet(PDF) 21 Page - Texas Instruments

Part # UCD3138128
Description  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138128 Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCD3138128 Datasheet HTML 17Page - Texas Instruments UCD3138128 Datasheet HTML 18Page - Texas Instruments UCD3138128 Datasheet HTML 19Page - Texas Instruments UCD3138128 Datasheet HTML 20Page - Texas Instruments UCD3138128 Datasheet HTML 21Page - Texas Instruments UCD3138128 Datasheet HTML 22Page - Texas Instruments UCD3138128 Datasheet HTML 23Page - Texas Instruments UCD3138128 Datasheet HTML 24Page - Texas Instruments UCD3138128 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
21
UCD3138128, UCD3138A64
www.ti.com
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
9.3 Feature Description
9.3.1 System Module
The System Module contains the interface logic and configuration registers to control and configure all the
memory, peripherals and interrupt mechanisms. The blocks inside the system module are the address decoder,
memory management controller, system management unit, central interrupt unit, and clock control unit.
9.3.1.1 Address Decoder (DEC)
The Address Decoder generates the memory selects for the FLASH, ROM and RAM arrays. The memory map
addresses are selectable through configurable register settings. These memory selects can be configured from 1
kB to 16 MB. Power on reset uses the default addresses in the memory map for ROM execution, which is then
configured by the ROM code to the application setup. During access to the DEC registers, a wait state is
asserted to the CPU. DEC registers are only writable in the ARM privilege mode for user mode protection.
9.3.1.2 Memory Management Controller (MMC)
The MMC manages the interface to the peripherals by controlling the interface bus for extending the read and
write accesses to each peripheral. The unit generates eight peripheral select lines with 1 kB of address space
decoding.
9.3.1.3 System Management (SYS)
The SYS unit contains the software access protection by configuring user privilege levels to memory or
peripherals modules. It contains the ability to generate fault or reset conditions on decoding of illegal address or
access conditions. A clock control setup for the processor clock (MCLK) speed, is also available.
9.3.1.4 Central Interrupt Module (CIM)
The CIM accepts 32 interrupt requests for meeting firmware timing requirements. The ARM processor supports
two interrupt levels: FIQ and IRQ. FIQ is the highest priority interrupt. The CIM provides hardware expansion of
interrupts by use of FIQ/IRQ vector registers for providing the offset index in a vector table. This numerical index
value indicates the highest precedence channel with a pending interrupt and is used to locate the interrupt vector
address from the interrupt vector table. Interrupt channel 0 has the lowest precedence and interrupt channel 31
has the highest precedence. To remove the interrupt request, the firmware should clear the request as the first
action in the interrupt service routine. The request channels are maskable, allowing individual channels to be
selectively disabled or enabled.
Table 1. Interrupt Priority Table
NAME
MODULE COMPONENT OR
REGISTER
DESCRIPTION
PRIORITY
BRN_OUT_INT
Brownout
Brownout interrupt
0 (Lowest)
EXT_INT
External Interrupts
Interrupt on external input pin
1
WDRST_INT
Watchdog Control
Interrupt from watchdog exceeded (reset)
2
WDWAKE_INT
Watchdog Control
Wake-up interrupt when watchdog equals half of set watch
time
3
SCI_ERR_INT
UART or SCI Control
UART or SCI error Interrupt. Frame, parity or overrun
4
SCI_RX_0_INT
UART or SCI Control
UART0 RX buffer has a byte
5
SCI_TX_0_INT
UART or SCI Control
UART0 TX buffer empty
6
SCI_RX_1_INT
UART or SCI Control
UART1 RX buffer has a byte
7
SCI_TX_1_INT
UART or SCI Control
UART1 TX buffer empty
8
PMBUS_INT
PMBus related interrupt
9
DIG_COMP_SPI_I2C_INT 12-bit ADC Control, SPI, I2C
Digital comparator, SPI and I2C interrupt
10
FE0_INT
Front End 0
“Prebias complete”, “Ramp Delay Complete”, “Ramp
Complete”, “Load Step Detected”,
“Over-Voltage Detected”, “EADC saturated”
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com