Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138128 Datasheet(PDF) 13 Page - Texas Instruments

Part # UCD3138128
Description  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138128 Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCD3138128 Datasheet HTML 9Page - Texas Instruments UCD3138128 Datasheet HTML 10Page - Texas Instruments UCD3138128 Datasheet HTML 11Page - Texas Instruments UCD3138128 Datasheet HTML 12Page - Texas Instruments UCD3138128 Datasheet HTML 13Page - Texas Instruments UCD3138128 Datasheet HTML 14Page - Texas Instruments UCD3138128 Datasheet HTML 15Page - Texas Instruments UCD3138128 Datasheet HTML 16Page - Texas Instruments UCD3138128 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
13
UCD3138128, UCD3138A64
www.ti.com
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
V33A = V33D = V33DIO = 3.3V; 1μF from BP18 to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
(6)
Ambient temperature offset value from the TEMPSENCTRL register should be used to meet accuracy.
(7)
Available from reference DACs for comparators D, E, F and G.
Brownout
Internal signal warning of brownout
conditions
2.9
V
TEMPERATURE SENSOR(1)
VTEMP
Voltage range of sensor
1.46
2.44
V
Voltage resolution
Volts/°C
6.3
mV/ºC
Temperature resolution
Degree C per bit
0.0969
ºC/LSB
Accuracy(1)(6)
-40°C to 125°C
–10
±5
10
ºC
Temperature range
-40°C to 125°C
–40
125
ºC
ITEMP
Current draw of sensor when active
30
μA
VAMB
Ambient temperature
Trimmed 25°C reading
1.87
V
ANALOG COMPARATOR
DAC
Reference DAC Range
0
2.5
V
Reference Voltage
2.478
2.5
2.513
V
Bits
7
bits
INL(1)
–0.42
0.21
LSB
DNL(1)
0.06
0.12
LSB
Offset
–5.5
19.5
mV
Reference DAC buffered output load(7)
0.5
1
mA
Buffer offset (-0.5 mA)
8.3
mV
Buffer offset (1.0 mA)
17
mV
RTC INTERFACE
fRTC
RTC external input frequency
10
MHz
(1)
Characterized by design and not production tested.
(2)
Time from close of error ADC sample window to time when digitally calculated control effort (duty cycle) is available. This delay, which
has no variation associated with it, must be accounted for when calculating the system dynamic response.
8.6 Timing Characteristics
V33A = V33D = V33DIO = 3.3V; 1μF from BP18 to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
EADC DAC
t
Settling Time
From 10% to 90%
250
ns
ADC12
ADC single sample conversion time(1)
ADC_SAMPLING_SEL= 6 or 0
3.9
μs
SYSTEM PERFORMANCE
TWD
Watchdog time out resolution
Total time is: TWD x
(WDCTRL.PERIOD+1)
10.5
13.3
17
ms
Time to disable DPWM output based on
active FAULT pin signal
High level on FAULT pin
66
ns
Flash Read
1
MCLKs
tDelay
Digital filter delay(2)
(1 clock = 32ns)
6
MCLKs
Retention period of flash content (data
retention and program)
TJ = 25°C
100
years
Program time to erase one page or block in
data flash or program flash
20
ms
Program time to write one word in program
flash
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com