Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M586TE Datasheet(PDF) 1 Page - Mclennan Servo Supplies Ltd.

Part # M586TE
Description  M500 Series Industrial DC Servo Motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCLENNAN [Mclennan Servo Supplies Ltd.]
Direct Link  https://www.mclennan.co.uk/
Logo MCLENNAN - Mclennan  Servo Supplies Ltd.

M586TE Datasheet(HTML) 1 Page - Mclennan Servo Supplies Ltd.

  M586TE Datasheet HTML 1Page - Mclennan  Servo Supplies Ltd. M586TE Datasheet HTML 2Page - Mclennan  Servo Supplies Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRECISION
MOTION
CONTROL
 sales@mclennan.co.uk
www.mclennan.co.uk
Call us on +44 (0)1252 531444
M500 Series Industrial DC Servo Motor - 0.05-0.1 kW
Outline dimensions (mm)
Ø76.2
4 holes tapped M4 (M540) M5 (M543) x
10 deep equispaced on Ø38.89
2 holes M2.5
equispaced on
Ø46
16
L
25
15
2.5
9.5
Ø6 h6
Ø8 h6
Ø6 h6
Ø57.5
Ø25
Mechanical specification
Motors
Length (L) mm
Mass kg
M540E
102
1.0
M543E
140
1.6
M586TE
142
1.3
M589TE
183
1.8
Ø25
Ø76.2
Ø25
Ø57.5
4 holes tapped M4 (M586) M5 (M589) x
10 deep equispaced on Ø38.89
4 holes M4 x 10
equispaced on
Ø38.89
Ø51 M586TE
4.83
2.5
2.5
3.18
16
25
15
Ø57 M589TE
13°
2 holes M2.5 x
5 equispaced
on Ø46
45°
Servo ring
on M586TE
only
Ø6 h6
L
M540E
M543E
M586TE
M589TE
The M500 series provides the ideal solution for use in applications that require output power ratings
up to 100 watts combined with fast response and accurate control.
The robust low inertia construction ensures smooth running and
reliable operation in industrial environments. Options include
a DC tachogenerator to provide accurate velocity
control using analogue control techniques and/ or a
choice of dual track encoders when digital control is
required.


Similar Part No. - M586TE

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M58609-04P MITSUBISHI-M58609-04P Datasheet
424Kb / 6P
KEYBOARD ENCODER ( JIS CODE STANDARD PRODUCT )
M58609-04S MITSUBISHI-M58609-04S Datasheet
424Kb / 6P
KEYBOARD ENCODER ( JIS CODE STANDARD PRODUCT )
M58653P MITSUBISHI-M58653P Datasheet
251Kb / 6P
700 BIT ELECTRICALLY ALTERABLE ROM
M58655P MITSUBISHI-M58655P Datasheet
167Kb / 8P
1024-BIT ELECTRICALLY ALTERABLE ROM
M58657P MITSUBISHI-M58657P Datasheet
138Kb / 6P
1400-BIT(100-WORD BY 14-BIT) ELECTRICALLY ALTERABLE ROM
More results

Similar Description - M586TE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33030 ONSEMI-MC33030 Datasheet
322Kb / 16P
DC SERVO MOTOR CONTROLLER/DRIVER
1996 REV 2
MC33030 ONSEMI-MC33030_06 Datasheet
214Kb / 17P
DC Servo Motor Controller/Driver
June, 2006 ??Rev. 6
logo
Festo Corporation.
EMMS-AS-40-S-LS-TS FESTO-EMMS-AS-40-S-LS-TS Datasheet
92Kb / 2P
Servo motor
EMMS-AS-55-M-HS-RR FESTO-EMMS-AS-55-M-HS-RR Datasheet
105Kb / 2P
Servo motor
EMMS-AS-55-M-HS-RRB FESTO-EMMS-AS-55-M-HS-RRB Datasheet
106Kb / 2P
Servo motor
EMMS-AS-55-MK-HS-TS-S1 FESTO-EMMS-AS-55-MK-HS-TS-S1 Datasheet
90Kb / 2P
Servo motor
EMMS-AS-55-M-LS-RRB FESTO-EMMS-AS-55-M-LS-RRB Datasheet
106Kb / 2P
Servo motor
EMME-AS-80-S-LS-AMB FESTO-EMME-AS-80-S-LS-AMB Datasheet
82Kb / 2P
Servo motor
EMME-AS-100-M-HS-AM FESTO-EMME-AS-100-M-HS-AM Datasheet
79Kb / 2P
Servo motor
logo
Toshiba Semiconductor
TB9056FNG TOSHIBA-TB9056FNG Datasheet
778Kb / 45P
Automotive DC Servo Motor Driver
2017-08-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com