Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M586TE Datasheet(PDF) 2 Page - Mclennan Servo Supplies Ltd.

Part # M586TE
Description  M500 Series Industrial DC Servo Motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCLENNAN [Mclennan Servo Supplies Ltd.]
Direct Link  https://www.mclennan.co.uk/
Logo MCLENNAN - Mclennan  Servo Supplies Ltd.

M586TE Datasheet(HTML) 2 Page - Mclennan Servo Supplies Ltd.

  M586TE Datasheet HTML 1Page - Mclennan  Servo Supplies Ltd. M586TE Datasheet HTML 2Page - Mclennan  Servo Supplies Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 sales@mclennan.co.uk
www.mclennan.co.uk
Call us on +44 (0)1252 531444
Typical Performance
DC Servo
Motors
No-load
Speed
Rated
Speed
Rated
Torque
Rated
Current
Peak
Torque
Using Servo
Amplifier
DC Supply
V DC
rpm
rpm
Nm
Amps
Nm
M540E
3200
2500
0.20
3.5
1.0
DCD60 7/14
24
M543E
2700
2200
0.40
3.5
1.44
DCD60 7/14
35
M543E
3700
3000
0.35
3.5
1.44
DCD60 7/14
48
Version with built-in Tachometer
M586TE
4000
3200
0.20
4.0
0.8
DCD60 7/14
24
M589TE
2700
2200
0.40
3.5
1.44
DCD60 7/14
35
M589TE
3700
3000
0.35
3.5
1.44
DCD60 7/14
48
Electrical specification
Specification
Units
M540E 0741
M543E 1270
M586TE 0585
M589TE 1270
Maximum Voltage
V DC
60
60
60
60
Typical Voltage
V DC
24
36
24
36
Maximum Continuous Output
Power
Watts
52
94
60
94
Maximum No-load speed
rpm
6000
4700
6000
4700
Typical speed @rated torque
rpm
2250
2250
3250
2250
Rated torque
Nm
0.2
0.4
0.2
0.4
Maximum peak torque
Nm
1.1
1.44
1.05
1.44
Typical no-load current
Amps
0.5
0.30
0.5
0.30
Rotor inertia
Kgcm2
0.270
0.530
0.388
0.680
Mechanical time constant
ms
8.4
8.0
10.2
10.2
Torque constant
Nm/A
0.071
0.121
0.056
0.12
Voltage constant
V/1000 rpm
7.41
12.7
5.8
12.7
Terminal resistance
ohms
1.55
2.2
1.15
2.2
Rotor inductance
mH
3.39
6.4
1.4
6.4
Commutation
Copper – graphite
Bearings
Pre-loaded ball
Maximum radial load
45N
Maximum axial load
22N
Tacho Specification
Voltage constant
V/1000rpm
14+/- 10%
Average ripple
Peak/peak
0.7@1000rpm
Ripple frequency
Per rev
21
Rotor Resistance
Ohms
600-800
Max continuous speed
rpm
4000
Encoder option
M500 series motors are available fitted with quadrature
(RS422 line driver) encoders to provide feedback of motor
position. Motors thus equipped are therefore ideally
suited for use with motion systems employing closed loop
controllers. The standard ‘E5’ encoder option has 1000 pulses
per rev (4000 positions) and is supplied complete with a cable
assembly.
25.00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com