Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85408 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS85408
Description  LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85408 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS85408 Datasheet HTML 1Page - Integrated Circuit Systems ICS85408 Datasheet HTML 2Page - Integrated Circuit Systems ICS85408 Datasheet HTML 3Page - Integrated Circuit Systems ICS85408 Datasheet HTML 4Page - Integrated Circuit Systems ICS85408 Datasheet HTML 5Page - Integrated Circuit Systems ICS85408 Datasheet HTML 6Page - Integrated Circuit Systems ICS85408 Datasheet HTML 7Page - Integrated Circuit Systems ICS85408 Datasheet HTML 8Page - Integrated Circuit Systems ICS85408 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
85408BG
www.icst.com/products/hiperclocks.html
REV. A APRIL 25, 2005
1
Integrated
Circuit
Systems, Inc.
ICS85408
LOW SKEW, 1-TO-8
DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
GENERAL DESCRIPTION
The ICS85408 is a low skew, high performance
1-to-8 Differential-to-LVDS Clock Distribution
Chip and a member of the HiPerClockS™
family of High Performance Clock Solutions
from ICS. The ICS85408 CLK, nCLK pair can ac-
cept most differential input levels and translates them to 3.3V
LVDS output levels. Utilizing Low Voltage Differential
Signaling (LVDS), the ICS85408 provides a low power, low
noise, low skew, point-to-point solution for distributing LVDS
clock signals.
Guaranteed output and part-to-part skew specifications make
the ICS85408 ideal for those applications demanding well
defined performance and repeatability.
FEATURES
• 8 Differential LVDS outputs
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 700MHz
• Translates any differential input signal (LVPECL, LVHSTL,
SSTL, HCSL) to LVDS levels without external bias networks
• Translates any single-ended input signal to LVDS with
resistor bias on nCLK input
• Multiple output enable inputs for disabling unused outputs
in reduced fanout applications
• Output skew: 50ps (maximum)
• Part-to-part skew: 550ps (maximum)
• Propagation delay: 2.4ns (maximum)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Lead-Free package RoHS compliant
HiPerClockS™
ICS
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS85408
24-Lead, 173-MIL TSSOP
4.4mm x 7.8mm x 0.92mm body package
G Package
Top View
nQ6
Q6
nQ5
Q5
nQ4
Q4
nQ3
Q3
nQ2
Q2
nQ1
Q1
1
2
3
4
5
6
7
8
9
10
11
12
Q7
nQ7
OE
GND
VDD
VDD
GND
VDD
CLK
nCLK
Q0
nQ0
24
23
22
21
20
19
18
17
16
15
14
13
CLK
nCLK
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
OE


Similar Part No. - ICS85408

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS85408I IDT-ICS85408I Datasheet
761Kb / 16P
Low Skew, 1-to-8, Differential-to-LVDS Clock
More results

Similar Description - ICS85408

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. B FEBRUARY 21, 2006
ICS8516I ICST-ICS8516I Datasheet
170Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A JULY 30, 2004
logo
Integrated Device Techn...
ICS85408I IDT-ICS85408I Datasheet
761Kb / 16P
Low Skew, 1-to-8, Differential-to-LVDS Clock
85108 IDT-85108 Datasheet
528Kb / 16P
Low Skew, 1-to-8, Differential-to-0.7V HCSL Clock Distribution Chip
ICS8516 IDT-ICS8516 Datasheet
239Kb / 16P
Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
ICS8516I IDT-ICS8516I Datasheet
181Kb / 18P
Low Skew, 1-to-16 Differential-to-LVDS, Clock Distribution Chip
85408 IDT-85408_15 Datasheet
299Kb / 16P
Low Skew, 1-to-8, Differential-to-LVDS Clock
logo
Renesas Technology Corp
85408 RENESAS-85408 Datasheet
539Kb / 17P
Low Skew, 1-to-8, Differential-to-LVDS Clock
Rev C 1/5/15
85408I RENESAS-85408I Datasheet
635Kb / 17P
Low Skew, 1-to-8, Differential-to-LVDS Clock
February 23, 2016
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com