Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20065WY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC20065WY
Description  Automotive 650 V power Schottky silicon carbide diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20065WY Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC20065WY Datasheet HTML 1Page - STMicroelectronics STPSC20065WY Datasheet HTML 2Page - STMicroelectronics STPSC20065WY Datasheet HTML 3Page - STMicroelectronics STPSC20065WY Datasheet HTML 4Page - STMicroelectronics STPSC20065WY Datasheet HTML 5Page - STMicroelectronics STPSC20065WY Datasheet HTML 6Page - STMicroelectronics STPSC20065WY Datasheet HTML 7Page - STMicroelectronics STPSC20065WY Datasheet HTML 8Page - STMicroelectronics STPSC20065WY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
November 2017
DocID029260 Rev 2
1/14
This is information on a product in full production.
www.st.com
STPSC20065-Y
Automotive 650 V power Schottky silicon carbide diode
Datasheet - production data
Features
AEC-Q101 qualified
No reverse recovery charge in application
current range
Switching behavior independent of
temperature
Dedicated to PFC applications
High forward surge capability
ECOPACK®2 compliant component
PPAP capable
Operating Tj from -40 °C to 175 °C
Description
The SiC diode is an ultra high performance
power Schottky diode. It is manufactured using a
silicon carbide substrate. The wide band gap
material allows the design of a Schottky diode
structure with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and
ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of
temperature.
Especially suited for use in PFC applications, this
ST SiC diode will boost performance in hard
switching conditions. Its high forward surge
capability ensures good robustness during
transient phases.
Table 1: Device summary
Symbol
Value
IF(AV)
20 A
VRRM
650 V
Tj (max.)
175 °C
VF (typ.)
1.30 V
A
K
A
K
K
DO-247
A
K
TO-220AC
D²PAK


Similar Part No. - STPSC20065WY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20065WY STMICROELECTRONICS-STPSC20065WY Datasheet
519Kb / 11P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 1
More results

Similar Description - STPSC20065WY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC20065-Y STMICROELECTRONICS-STPSC20065-Y Datasheet
519Kb / 11P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 1
STPSC10H065-Y STMICROELECTRONICS-STPSC10H065-Y Datasheet
560Kb / 11P
Automotive 650 V power Schottky silicon carbide diode
06-Feb-2017
STPSC6H065BY-TR STMICROELECTRONICS-STPSC6H065BY-TR Datasheet
234Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
13-Mar-2018
STPSC10C065-Y STMICROELECTRONICS-STPSC10C065-Y Datasheet
223Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
24-Sep-2018
STPSC10H065BY-TR STMICROELECTRONICS-STPSC10H065BY-TR Datasheet
236Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
Rev 1 - March 2018
STPSC8065-Y STMICROELECTRONICS-STPSC8065-Y Datasheet
506Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC10065-Y STMICROELECTRONICS-STPSC10065-Y Datasheet
542Kb / 12P
Automotive 650 V power Schottky silicon carbide diode
09-Nov-2017
STPSC6C065-Y STMICROELECTRONICS-STPSC6C065-Y Datasheet
182Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
December 2016 Rev 2
STPSC40065C-Y STMICROELECTRONICS-STPSC40065C-Y Datasheet
440Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com