Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20065WY Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPSC20065WY
Description  Automotive 650 V power Schottky silicon carbide diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20065WY Datasheet(HTML) 3 Page - STMicroelectronics

  STPSC20065WY Datasheet HTML 1Page - STMicroelectronics STPSC20065WY Datasheet HTML 2Page - STMicroelectronics STPSC20065WY Datasheet HTML 3Page - STMicroelectronics STPSC20065WY Datasheet HTML 4Page - STMicroelectronics STPSC20065WY Datasheet HTML 5Page - STMicroelectronics STPSC20065WY Datasheet HTML 6Page - STMicroelectronics STPSC20065WY Datasheet HTML 7Page - STMicroelectronics STPSC20065WY Datasheet HTML 8Page - STMicroelectronics STPSC20065WY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STPSC20065-Y
Characteristics
DocID029260 Rev 2
3/14
Table 5: Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
QCj(1)
Total capacitive charge
VR = 400 V
-
62
-
nC
Cj
Total capacitance
VR = 0 V, Tc = 25 °C, F = 1 MHz
-
1250
-
pF
VR = 400 V, Tc = 25 °C, F = 1 MHz
-
100
-
Notes:
(1)Most accurate value for the capacitive charge:
������������������(������������) = ∫ ������������(������)������������
������������
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com