Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST1H100ZF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPST1H100ZF
Description  100 V - 1 A power Schottky trench rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST1H100ZF Datasheet(HTML) 1 Page - STMicroelectronics

  STPST1H100ZF Datasheet HTML 1Page - STMicroelectronics STPST1H100ZF Datasheet HTML 2Page - STMicroelectronics STPST1H100ZF Datasheet HTML 3Page - STMicroelectronics STPST1H100ZF Datasheet HTML 4Page - STMicroelectronics STPST1H100ZF Datasheet HTML 5Page - STMicroelectronics STPST1H100ZF Datasheet HTML 6Page - STMicroelectronics STPST1H100ZF Datasheet HTML 7Page - STMicroelectronics STPST1H100ZF Datasheet HTML 8Page - STMicroelectronics STPST1H100ZF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
•
High junction temperature capability
•
Low forward voltage drop
•
Low recovery charges
•
Reduces conduction, reverse and switching losses
•
Avalanche tested
•
Flat packages
•
ECOPACK2 compliant
Applications
•
DC/DC converter
•
LED lighting
•
Flyback topology
•
Auxiliary power supply
•
Switch mode power supply (SMPS)
Description
This 1 A, 100 V rectifier is based on ST trench technology that achieves the best-in-
class VF/IR trade-off for a given silicon surface.
Integrated in flat and space-saving packages, this STPST1H100 trench rectifier is
intended to be used in high frequency miniature switched mode power supplies. It is
also an ideal candidate for auxiliary power supply in telecom, server, or smart
metering. ST trench rectifiers are adapted to freewheeling, OR-ring or reverse
polarity protection applications, and can be the perfect companion device to our
transistors, drivers, or ST VIPer products.
SOD128Flat
A
K
K
A
SOD123Flat
K
A
Product label
Product status link
STPST1H100
Product summary
IF(AV)
1 A
VRRM
100 V
Tj (max.)
175 °C
VF (typ.)
0.580 V
100 V - 1 A power Schottky trench rectifier
STPST1H100
Datasheet
DS14189 - Rev 3 - July 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPST1H100ZF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPST1H100ZF STMICROELECTRONICS-STPST1H100ZF Datasheet
443Kb / 12P
100 V - 1 A power Schottky trench rectifier
02-Jan-2023
STPST1H100ZFY STMICROELECTRONICS-STPST1H100ZFY Datasheet
447Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
16-Dec-2022
STPST1H100ZFY STMICROELECTRONICS-STPST1H100ZFY Datasheet
561Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
24-Jul-2023
More results

Similar Description - STPST1H100ZF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPST12H100 STMICROELECTRONICS-STPST12H100 Datasheet
479Kb / 9P
100 V - 12 A power Schottky trench rectifier
02-Jan-2023
STPST1H100-Y STMICROELECTRONICS-STPST1H100-Y Datasheet
447Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
16-Dec-2022
STPST1H100 STMICROELECTRONICS-STPST1H100 Datasheet
443Kb / 12P
100 V - 1 A power Schottky trench rectifier
02-Jan-2023
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST3H100 STMICROELECTRONICS-STPST3H100 Datasheet
384Kb / 12P
100 V - 3 A power Schottky trench rectifier
02-Jan-2023
STPST5H100 STMICROELECTRONICS-STPST5H100 Datasheet
651Kb / 14P
100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST8H100 STMICROELECTRONICS-STPST8H100 Datasheet
492Kb / 9P
100 V - 8 A power Schottky trench rectifier
02-Jan-2023
logo
Nexperia B.V. All right...
PMEG100T10ELXD-Q NEXPERIA-PMEG100T10ELXD-Q Datasheet
255Kb / 13P
100 V, 1 A Trench Schottky barrier rectifier
1 April 2022
PMEG100T10ELXD NEXPERIA-PMEG100T10ELXD Datasheet
255Kb / 13P
100 V, 1 A Trench Schottky barrier rectifier
1 April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com