Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST1H100ZF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPST1H100ZF
Description  100 V - 1 A power Schottky trench rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST1H100ZF Datasheet(HTML) 4 Page - STMicroelectronics

  STPST1H100ZF Datasheet HTML 1Page - STMicroelectronics STPST1H100ZF Datasheet HTML 2Page - STMicroelectronics STPST1H100ZF Datasheet HTML 3Page - STMicroelectronics STPST1H100ZF Datasheet HTML 4Page - STMicroelectronics STPST1H100ZF Datasheet HTML 5Page - STMicroelectronics STPST1H100ZF Datasheet HTML 6Page - STMicroelectronics STPST1H100ZF Datasheet HTML 7Page - STMicroelectronics STPST1H100ZF Datasheet HTML 8Page - STMicroelectronics STPST1H100ZF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1.1
Characteristics (curves)
Figure 3. Average forward current versus lead
temperature (δ = 0.5)
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
IF(AV)(A)
Tl (°C)
Figure 4. Relative variation of thermal impedance junction
to lead versus pulse duration (SOD123Flat)
Zth(j-l)/Rth(j-l)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
tP(s)
Figure 5. Relative variation of thermal impedance junction
to lead versus pulse duration (SOD128Flat)
Zth(j-l)/Rth(j-l)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
tP(s)
Single pulse
Figure 6. Reverse leakage current versus reverse voltage
applied (typical values)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
10
20
30
40
50
60
70
80
90
100
IR(µA)
VR(V)
Tj = 25 °C
Tj = 100 °C
Tj = 75 °C
Tj = 50 °C
Tj = 125 °C
Tj = 150 °C
Figure 7. Junction capacitance versus reverse voltage
applied (typical values)
C(pF)
10
100
1000
0.1
1.0
10.0
100.0
F = 1 MHz
VOSC = 30 mVRMS
Tj = 25 °C
VR(V)
Figure 8. Forward voltage drop versus forward current
(typical values)
IF(A)
0.1
1.0
10.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Tj = 125 °C
Tj = 75 °C
Tj = 150 °C
VF(V)
Tj = 25 °C
STPST1H100
Characteristics (curves)
DS14189 - Rev 3
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com