Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST2H100ZF Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPST2H100ZF
Description  100 V - 2 A power Schottky trench rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST2H100ZF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPST2H100ZF Datasheet HTML 6Page - STMicroelectronics STPST2H100ZF Datasheet HTML 7Page - STMicroelectronics STPST2H100ZF Datasheet HTML 8Page - STMicroelectronics STPST2H100ZF Datasheet HTML 9Page - STMicroelectronics STPST2H100ZF Datasheet HTML 10Page - STMicroelectronics STPST2H100ZF Datasheet HTML 11Page - STMicroelectronics STPST2H100ZF Datasheet HTML 12Page - STMicroelectronics STPST2H100ZF Datasheet HTML 13Page - STMicroelectronics STPST2H100ZF Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2.3
SMB Flat package information
Epoxy meets UL94, V0
Lead-free package
Figure 17. SMB Flat package outline
D
b
Note:
This package drawing may slightly differ from the physical package. However, all the specified dimensions are
guaranteed.
Table 6. SMB Flat mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.10
0.035
0.044
b
1.95
2.20
0.076
0.087
C
0.15
0.40
0.005
0.016
D
3.30
3.95
0.129
0.156
E
5.10
5.60
0.200
0.221
E1
4.05
4.60
0.159
0.182
L
0.75
1.50
0.029
0.060
L1
0.40
0.016
L2
0.60
0.024
STPST2H100
SMB Flat package information
DS14190 - Rev 3
page 10/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com