Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST2H100ZF Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPST2H100ZF
Description  100 V - 2 A power Schottky trench rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST2H100ZF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPST2H100ZF Datasheet HTML 6Page - STMicroelectronics STPST2H100ZF Datasheet HTML 7Page - STMicroelectronics STPST2H100ZF Datasheet HTML 8Page - STMicroelectronics STPST2H100ZF Datasheet HTML 9Page - STMicroelectronics STPST2H100ZF Datasheet HTML 10Page - STMicroelectronics STPST2H100ZF Datasheet HTML 11Page - STMicroelectronics STPST2H100ZF Datasheet HTML 12Page - STMicroelectronics STPST2H100ZF Datasheet HTML 13Page - STMicroelectronics STPST2H100ZF Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Figure 18. Footprint recommendations, dimensions in mm (inches)
5.84
(0.230)
1.20
(0.047)
3.44
(0.136)
1.20
(0.047)
2.07
(0.082)
millimeters
(inches)
Note:
For package and tape orientation, reel and inner box dimensions and tape outline please check TN1173.
STPST2H100
SMB Flat package information
DS14190 - Rev 3
page 11/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com