Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST5H100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPST5H100
Description  100 V - 5 A power Schottky trench rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST5H100 Datasheet(HTML) 1 Page - STMicroelectronics

  STPST5H100 Datasheet HTML 1Page - STMicroelectronics STPST5H100 Datasheet HTML 2Page - STMicroelectronics STPST5H100 Datasheet HTML 3Page - STMicroelectronics STPST5H100 Datasheet HTML 4Page - STMicroelectronics STPST5H100 Datasheet HTML 5Page - STMicroelectronics STPST5H100 Datasheet HTML 6Page - STMicroelectronics STPST5H100 Datasheet HTML 7Page - STMicroelectronics STPST5H100 Datasheet HTML 8Page - STMicroelectronics STPST5H100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
•
High junction temperature capability
•
Low forward voltage drop
•
Low recovery charges
•
Reduces conduction, reverse and switching losses
•
Avalanche tested
•
Flat packages
•
ECOPACK2 compliant
Applications
•
DC/DC converter
•
LED lighting
•
Flyback topology
•
Auxiliary power supply
•
Switch mode power supply (SMPS)
Description
This 5 A, 100 V rectifier is based on ST trench technology that achieves the best-in-
class VF/IR trade-off for a given silicon surface.
Integrated in flat and space-saving packages, this STPST5H100 trench rectifier is
intended to be used in high frequency miniature switched mode power supplies. It is
also an ideal candidate for auxiliary power supply in telecom, server, or smart
metering. ST trench rectifiers are adapted to freewheeling, OR-ring or reverse
polarity protection applications, and can be the perfect companion device to our
transistors, drivers, or ST VIPer products.
Product label
Product status link
STPST5H100
Product summary
IF(AV)
5 A
VRRM
100 V
Tj (max.)
175 °C
VF (typ.)
0.550 V
100 V - 5 A power Schottky trench rectifier
STPST5H100
Datasheet
DS14182 - Rev 3 - July 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPST5H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPST5H100 STMICROELECTRONICS-STPST5H100 Datasheet
651Kb / 14P
100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST5H100-Y STMICROELECTRONICS-STPST5H100-Y Datasheet
592Kb / 12P
Automotive 100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST5H100-Y STMICROELECTRONICS-STPST5H100-Y Datasheet
695Kb / 12P
Automotive 100 V - 5 A power Schottky trench rectifier
21-Jul-2023
STPST5H100-Y STMICROELECTRONICS-STPST5H100-Y_V01 Datasheet
695Kb / 12P
Automotive 100 V - 5 A power Schottky trench rectifier
21-Jul-2023
STPST5H100AF STMICROELECTRONICS-STPST5H100AF Datasheet
651Kb / 14P
100 V - 5 A power Schottky trench rectifier
02-Jan-2023
More results

Similar Description - STPST5H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPST12H100 STMICROELECTRONICS-STPST12H100 Datasheet
479Kb / 9P
100 V - 12 A power Schottky trench rectifier
02-Jan-2023
STPST1H100 STMICROELECTRONICS-STPST1H100 Datasheet
443Kb / 12P
100 V - 1 A power Schottky trench rectifier
02-Jan-2023
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST3H100 STMICROELECTRONICS-STPST3H100 Datasheet
384Kb / 12P
100 V - 3 A power Schottky trench rectifier
02-Jan-2023
STPST5H100-Y STMICROELECTRONICS-STPST5H100-Y Datasheet
592Kb / 12P
Automotive 100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST5H100 STMICROELECTRONICS-STPST5H100 Datasheet
651Kb / 14P
100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST5H100SB-Y STMICROELECTRONICS-STPST5H100SB-Y Datasheet
396Kb / 9P
Automotive 100 V - 5 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST5H100SB STMICROELECTRONICS-STPST5H100SB Datasheet
392Kb / 9P
100 V - 5 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST8H100 STMICROELECTRONICS-STPST8H100 Datasheet
492Kb / 9P
100 V - 8 A power Schottky trench rectifier
02-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com