Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0107MA. Datasheet(PDF) 2 Page - STMicroelectronics

Part # Z0107MA.
Description  SENSITIVE GATE TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0107MA. Datasheet(HTML) 2 Page - STMicroelectronics

  Z0107MA. Datasheet HTML 1Page - STMicroelectronics Z0107MA. Datasheet HTML 2Page - STMicroelectronics Z0107MA. Datasheet HTML 3Page - STMicroelectronics Z0107MA. Datasheet HTML 4Page - STMicroelectronics Z0107MA. Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PG (AV)= 0.1 W PGM = 2 W (tp = 20
µs)
IGM = 1 A (tp = 20
µs)
GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
150
°C/W
Rth(j-l)
Junction to leads for D.C
80
°C/W
Rth(j-l)
Junction to leads for A.C 360
° conduction angle (F=50Hz)
60
°C/W
THERMAL RESISTANCES
Symbol
Test Conditions
Quadrant
Sensitivity
Unit
03
07
09
10
IGT
VD=12V (DC) RL=140
Ω Tj= 25°C
I-II-III
MAX
3
5
10
25
mA
IV
MAX
5
7
10
25
VGT
VD=12V (DC) RL=140
Ω Tj= 25°C
I-II-III-IV
MAX
1.5
V
VGD
VD=VDRM RL=3.3k
Ω
Tj= 125
°C I-II-III-IV
MIN
0.2
V
tgt
VD=VDRM
IG = 40mA
IT =1.1A
dIG/dt = 0.5A/
µs
Tj= 25
°C
I-II-III-IV
TYP
2
µs
IH *IT= 50 mA Gate open
Tj= 25
°C
MAX
7
10
10
25
mA
IL
IG=1.2 IGT
Tj= 25
°C
I-III-IV
TYP
7
10
10
25
mA
II
TYP
14
20
20
50
VTM *ITM= 1.1A tp= 380
µs
Tj= 25
°C
MAX
1.5
V
IDRM
IRRM
VD =VDRM
VR =VRRM
Tj= 25
°C
MAX
10
µA
Tj= 110
°C
MAX
200
dV/dt *
VD=67%VDRM
Gate open
Tj= 110
°C
MIN
10
20
50
100
V/
µs
TYP
20
50
150
400
(dV/dt)c *
(dI/dt)c = 0.35 A/ms
Tj= 110
°C
MIN
2
5
V/
µs
TYP
1
1
* For either polarity of electrode A2 voltage with reference to electrode A1
ELECTRICAL CHARACTERISTICS
ORDERING INFORMATION
Z0107
M
A
TRIAC TOP GLASS
CURRENT
PACKAGE :
A = TO92
VOLTAGE
SENSITIVITY
®
Z01xxxA
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com