Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0107MA. Datasheet(PDF) 4 Page - STMicroelectronics

Part # Z0107MA.
Description  SENSITIVE GATE TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0107MA. Datasheet(HTML) 4 Page - STMicroelectronics

  Z0107MA. Datasheet HTML 1Page - STMicroelectronics Z0107MA. Datasheet HTML 2Page - STMicroelectronics Z0107MA. Datasheet HTML 3Page - STMicroelectronics Z0107MA. Datasheet HTML 4Page - STMicroelectronics Z0107MA. Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
I
(A). I2t(A2s)
TSM
110
0.1
1
10
100
Tj ini tia l = 25 C
o
I
TSM
I2 t
tp(ms)
Fig.7 : Non repetitive surge peak on-state current
for a sinusoidal pulse with width : tp
≤ 10ms, and
corresponding value of I
2t.
00.5
11.522.5
33.5
4
0.1
1
10
I
(A)
TM
Tj initial
25 C
o
Tj max
V
(V)
TM
Tj max
Vto =0. 95V
Rt =0.42 0
Fig.8 : On-state characteristics (maximum values).
®
Z01xxxA
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com