Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2TX-9A Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS2TX-9A
Description  2 W LAN DC-DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS2TX-9A Datasheet(HTML) 1 Page - STMicroelectronics

  GS2TX-9A Datasheet HTML 1Page - STMicroelectronics GS2TX-9A Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS2TX-9A
2 W LAN DC-DC CONVERTER
April 1997
1/2
Type
Vi
Vo
Io
GS2TX-9A
4,5 to 15,75 V
– 9 V
– 250 mA
DESCRIPTION
The GS2TX-9A is a 2.25W unregulated DC-DC
converter designed to provide power, voltage regu-
lation and isolation for Local Area Network
(CHEAPERNET and ETHERNET) transceivers
from a wide range of input voltage, according to
IEEE 802.3 Standard.
An internal network is added to guarantee soft start
at switch-on.
ELECTRICAL CHARACTERISTICS (Tamb.= 25
° C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo = 9V
Io = 0 to – 250mA
4.5
15.75
V
Iir
Input Reflected
Current
Vi = 5V
Vo = – 9V
Io = – 250mA
25
30
mApp
lir
Input Reflected
Current
Vi = 12V
Vo = – 9V
Io = – 250mA
2
5
mApp
Vo
Output Voltage
Vi = 4.5 to 15.75V
Io = 0 to – 250mA
– 8.55
– 9.00
– 9.45
V
Vor
Output Ripple
Voltage
Vi = 5V
Io = – 250mA
710
mVRMS
Vor
Output Ripple
Voltage
Vi = 12V
Io = – 250mA
25
mVRMS
δVOL
Line Regulation
Vi = 4.5 to 5.5V
Io = – 250mA
5mV
δVOO
Load Regulation
Vi = 4.5 to 15.75V
Io = – 20 to – 250mA
5mV
Io
Output Current*
Vi = 4.5 to 15.75V
Vo = – 9V
0
– 250
mA
Vis
Isolation Voltage
2500
VDC
η
Efficiency
Vi = 5V
Io = – 250mA
70
73
%
η
Efficiency
Vi = 12V
Io = – 250mA
75
80
%
Top
Operating Ambient
Temperature Range
0
+70
°C
Tstg
Storage Temperature
Range
– 40
+85
°C
* When the input voltage is <5V and the output current is less than 20mA, the output ripple voltage increases due to discontinuous operation.


Similar Part No. - GS2TX-9A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS2TX-9 STMICROELECTRONICS-GS2TX-9 Datasheet
92Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
More results

Similar Description - GS2TX-9A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS2T12-9A STMICROELECTRONICS-GS2T12-9A Datasheet
32Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
GS2T12-9S STMICROELECTRONICS-GS2T12-9S Datasheet
33Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
GS2T5-5D15 STMICROELECTRONICS-GS2T5-5D15 Datasheet
33Kb / 2P
2 W TRIPLE OUTPUT DC-DC CONVERTER
Dec-1993
GS2T5-9 STMICROELECTRONICS-GS2T5-9 Datasheet
170Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
GS2TX-9 STMICROELECTRONICS-GS2TX-9 Datasheet
92Kb / 2P
2 W LAN DC-DC CONVERTER
Dec-1993
GS5T48-12 STMICROELECTRONICS-GS5T48-12 Datasheet
47Kb / 3P
5 W DC-DC CONVERTER
Jun-1994
logo
National Semiconductor ...
LM2567 NSC-LM2567 Datasheet
186Kb / 8P
LAN DC/DC Converter
logo
STMicroelectronics
GS2T5-5 STMICROELECTRONICS-GS2T5-5 Datasheet
83Kb / 2P
2 W DC-DC CONVERTER
Jun-1994
logo
Power Integrations, Inc...
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
logo
Power Systems GmbH+Co.K...
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com