Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

396-2AB Datasheet(PDF) 1 Page - Wakefield Thermal, Inc.

Part # 396-2AB
Description  Extruded Heat Sinks
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAKEFIELDTHERMAL [Wakefield Thermal, Inc.]
Direct Link  https://wakefieldthermal.com/
Logo WAKEFIELDTHERMAL - Wakefield Thermal, Inc.

396-2AB Datasheet(HTML) 1 Page - Wakefield Thermal, Inc.

  396-2AB Datasheet HTML 1Page - Wakefield Thermal, Inc. 396-2AB Datasheet HTML 2Page - Wakefield Thermal, Inc. 396-2AB Datasheet HTML 3Page - Wakefield Thermal, Inc. 396-2AB Datasheet HTML 4Page - Wakefield Thermal, Inc. 396-2AB Datasheet HTML 5Page - Wakefield Thermal, Inc. 396-2AB Datasheet HTML 6Page - Wakefield Thermal, Inc. 396-2AB Datasheet HTML 7Page - Wakefield Thermal, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Extruded
Heat Sinks
All other products, please contact factory for price, delivery, and minimums.
Normally stocked
50
EXTRUDED HEAT SINKS FOR POWER SEMICONDUCTORS
621 AND 623 SERIES
Low-Profile Heat Sinks for All Metal-Case Power Semiconductors
Footprint
Thermal Performance at Typical Load
Standard
Dimensions
Height
Mounting
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Hole Pattern
Convection
Convection
lbs. (grams)
621A
4.750 (120.6) x 1.500 (38.1)
0.461 (11.7)
(1) TO-3
75°C @ 15W
2.0°C/W @ 250 LFM
0.1000 (45.36)
621K
4.750 (120.6) x 1.500 (38.1)
0.461 (11.7)
None
75°C @ 15W
2.0°C/W @ 250 LFM
0.1000 (45.36)
623A
4.750 (120.6) x 3.000 (76.2)
0.461 (11.7)
(1) TO-3
52°C @ 15W
1.5°C/W @ 250 LFM
0.2100 (95.26)
623K
4.750 (120.6) x 3.000 (76.2)
0.461 (11.7)
None
52°C @ 15W
1.5°C/W @ 250 LFM
0.210O (95.26)
A general purpose yet efficient heat dissipator for TO-3 and virtually all other styles of metal case
power semiconductor package types, the 621 and 623 Series low-profile flat back heat sinks find
a wide variety of applications. The central channel between fins measures 1.300 in. (33.0) (min.)
in width, accommodating many types of packages. Mounting hole pattern "A" is predrilled for the
standard TO-3 package. Material: Aluminum Alloy, Black Anodized.
TO-3
MECHANICAL
DIMENSIONS
621 AND 623 SERIES (EXTRUSION PROFILE 1327)
Dimensions: in. (mm)
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
SEMICONDUCTOR MOUNTING HOLES
MECHANICAL
DIMENSIONS
302 AND 303 SERIES
301 SERIES
Dimensions: in. (mm)
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
SEMICONDUCTOR MOUNTING HOLES
MECHANICAL
DIMENSIONS
641 SERIES
(EXTRUSION PROFILE 1371)
Dimensions: in. (mm)
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
SEMICONDUCTOR MOUNTING HOLES
301/302/303 SERIES
Compact Heat Sinks for Dual Stud-Mounted Semiconductor Cases
Outline
Mounting
Thermal Performance at Typical Load
Standard
Dimensions
Length “A”
Hole (s)
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Pattern and Number
Convection
Convection
lbs. (grams)
301K
2.000 (50.8) x 2.000 (50.8)
0.750 (19.1)
None
70°C @ 15W
2.5° C/W @ 250 LFM
0.0580 (26.31)
301M
2.000 (50.8) x 2.000 (50.8)
0.750 (19.1) (1) 10-32UNF, 0.625 in. thread depth
70° C @ 15W
2.5° C/W @ 250 LFM
0.0580 (26.31)
301N
2.000 (50.8) x 2.000 (50.8)
0.750 (19.1)
(1)
1⁄4 -28UNF, 0.625 in. thread depth
70° C @ 15W
2.5° C/W @ 250 LFM
0.0580 (26.31)
302M
2.000 (50.8) x 2.000 (50.8)
1.500 (38.1) (1) 10-32UNF, 0.625 in. thread depth
50° C @ 15W
1.8° C/W @ 250 LFM
0.1330 (60.33)
302MM
2.000 (50.8) x 2.000 (50.8)
1.500 (38.1) (2) 10-32UNF, 0.625 in. thread depth
50°C @ 15W
1.8°C/W @ 250 LFM
0.1330 (6033)
302N
2.000 (50.8) x 2.000 (50.8)
1.500 (38.1)
(1)
1⁄4 -28UNF, 0.625 in. thread depth
5O°C @ 15W
1.8° C/W @ 250 LFM
0.1330 (60.33)
302NN
2.000 (50.8) x 2.000 (50.8)
1.500 (38.1)
(2)
1⁄4 -28UNF, 0.625 in. thread depth
50°C @ 15W
1.8°C/W @ 250 LFM
0.1330 (60.33)
303M
2.000 (50.8) x 2.000 (50.8)
3.000 (76.2) (1) 10-32UNF, 0.625 in. thread depth
37° C @ 15W
1.3° C/W @ 250 LFM
0.2680 (121.56)
303MM
2.000 (50.8) x 2.000 (50.8)
3.000 (76.2) (2) 10-32UNF, 0.625 in. thread depth
37° C @ 15W
1.3° C/W @ 250 LFM
0.2680 (121.56)
303N
2.000 (50.8) x 2.000 (50.8)
3.000 (76.2) (1)
1⁄4 -28UNF, 0.625 in. thread depth
37° C @ 15W
1.3° C/W @ 250 LFM
0.2680 (121.56)
303NN
2.000 (50.8) x 2.000 (50.8)
3.000 (76.2) (2)
1⁄4 -28UNF, 0.625 in. thread depth
37° C @ 15W
1.3° C/W @ 250 LFM
0.2680 (121.56)
The large fin area in minimum total volume provided by the radial design of the 301/302/303
Series offers maximum heat transfer efficiency in natural convection. All types are available
with one tapped mounting hole for rectifiers and other stud-mounting semiconductors; the
302 and 303 Series offer maximum cost savings with dual mounting locations (“MM” and
“NN” mounting hole patterns) for two stud-mount devices. Material: Aluminum Alloy, Black
Anodized.
STUD-MOUNT
641 SERIES
Maximum Performance Natural Convection Heat Sink for all Metal-Case Semiconductors
Outline
Mounting
Thermal Performance at Typical Load
Standard
Dimensions
Height
Hole
Natural
Forced
Weight
P/N
in. (mm)
in. (mm)
Pattern
Convection
Convection
lbs. (grams)
641A
4.125 (104.8) x 3.000 (76.2)
1.000 (25.4)
(1) TO-3
36° C @ 15W
0.9° C/W @ 250 LFM
0.2900 (131.54)
641K
4.125 (104.8) x 3.000 (76.2)
1.000 (25.4)
None
36° C @ 15W
0.9° C/W @ 250 LFM
0.2900 (131.54)
Available with a standard TO-3 mounting hole pattern predrilled for cost-effective mounting in
limited-height applications, the 641 Series provides maximum performance in natural convec-
tion with an optimized heat sink surface area. The 641K type with an open channel area of
1.300 in. (33.0) and no predrilled mounting holes can be adapted to meet mounting require-
ments for most metal case power semiconductor types. Material: Aluminum Alloy, Black
Anodized.
TO-3
A
K
K
SERIES
301
302
303
M
A
K
N


Similar Part No. - 396-2AB

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
396-005-500-101 EDAC-396-005-500-101 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
396-005-500-102 EDAC-396-005-500-102 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
396-005-500-103 EDAC-396-005-500-103 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
396-005-500-104 EDAC-396-005-500-104 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
396-005-500-107 EDAC-396-005-500-107 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
More results

Similar Description - 396-2AB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
Powerline Heat-Sinks
logo
CTS Corporation
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
AER Forged Heat Sinks
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
Forged Heat Sinks
logo
CUI INC
VHS-45 CUI-VHS-45 Datasheet
115Kb / 1P
Extruded Heat Sink
VHS-95 CUI-VHS-95 Datasheet
123Kb / 1P
Extruded Heat Sink
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
HEAT SINKS AND STANDOFFS
logo
List of Unclassifed Man...
PF185G ETC2-PF185G Datasheet
51Kb / 1P
UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
Standard Heat Sinks
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
High Performance Heat Sinks
REV3_052912
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com