Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

396-2AB Datasheet(PDF) 2 Page - Wakefield Thermal, Inc.

Part # 396-2AB
Description  Extruded Heat Sinks
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAKEFIELDTHERMAL [Wakefield Thermal, Inc.]
Direct Link  https://wakefieldthermal.com/
Logo WAKEFIELDTHERMAL - Wakefield Thermal, Inc.

396-2AB Datasheet(HTML) 2 Page - Wakefield Thermal, Inc.

  396-2AB Datasheet HTML 1Page - Wakefield Thermal, Inc. 396-2AB Datasheet HTML 2Page - Wakefield Thermal, Inc. 396-2AB Datasheet HTML 3Page - Wakefield Thermal, Inc. 396-2AB Datasheet HTML 4Page - Wakefield Thermal, Inc. 396-2AB Datasheet HTML 5Page - Wakefield Thermal, Inc. 396-2AB Datasheet HTML 6Page - Wakefield Thermal, Inc. 396-2AB Datasheet HTML 7Page - Wakefield Thermal, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Extruded
Heat Sinks
All other products, please contact factory for price, delivery, and minimums.
Normally stocked
51
413/421/423 SERIES
Low-Height Double-Surface Heat Sinks for TO-3 Case Styles and Diodes
Space-saving double surface 413, 421, and 423 Series utilize finned surface
area on both sides of the power semiconductor mounting surface to provide
maximum heat dissipation in a compact profile. Ready to install on popular
power components in natural and forced convection applications. Apply
Wakefield Type 126 silicone-free thermal compound or Wakefield DeltaPad™
interface materials for maximum performance. Material: Aluminum Alloy, Black
Anodized.
TO-3; DO-5; Stud-Mount
EXTRUDED HEAT SINKS FOR POWER SEMICONDUCTORS
401 AND 403 SERIES Double-Surface Heat Sinks for TO-3 Case Styles
TO-3; Stud-Mount
With fins oriented vertically in cabinet sidewall applications, 401 and 403 Series heat sinks
are recommended for critical space applications where maximum heat dissipation is required
for high-power TO-3 case styles. Forced convection performance is also exemplary with these
double surface fin types. Semiconductor mounting hole style “F” offers a single centered
0.270 in. (6.9)-diameter mounting hole (with a 0.750 in. (19.1)-diameter area free of anodize)
for mounting stud-type diodes and rectifiers. Hole pattem “V" available upon request.
Material: Aluminum Alloy, Black Anodized.
Standard
Width
Overall Dimensions
Height
Semiconductor
Thermal Performance at Typical Load
Weight
P/N
in. (mm)
in. (mm)
in. (mm)
Mounting Hole Pattem
Natural Convection
Forced Convection
lbs. (grams)
401A
4.750 (120.7)
1.500 (38.1)
1.250 (31.8)
(1) TO-3
80°C @ 30W
1.5° C/W @ 250 LFM
0.1500 (68.04)
401F
4.750 (120.7)
1.500 (38.1)
1.250 (31.8)
0.270 in. (6.9)-Dia Hole
80°C @ 30W
1.5° C/W @ 250 LFM
0.1500 (68.04)
401K
4.750 (120.7)
1.500 (38.1)
1.250 (31.8)
None
80°C @ 30W
1.5° C/W @ 250 LFM
0.1500 (68.04)
403A
4.750 (120.7)
3.000 (76.2)
1.250 (31.8)
(1) TO-3
55°C @ 30W
0.9° C/W @ 250 LFM
0.3500 (158.76)
403F
4.750 (120.7)
3.000 (76.2)
1.250 (31.8)
0.270 in. (6.9)-Dia Hole
55°C @ 30W
0.9° C/W @ 250 LFM
0.3500 (158.76
403K
4.750 (120.7)
3.000 (76.2)
1.250 (31.8)
None
55°C @ 30W
0.9° C/W @ 250 LFM
0.3500 (158.76)
MECHANICAL DIMENSIONS
SEMICONDUCTOR MOUNTING HOLES
NATURAL AND FORCED
CONVECTION CHARACTERISTICS
403 SERIES
A
F
K
V
401 SERIES
401 AND 403 SERIES
(EXTRUSION
PROFILE 1024)
413 SERIES
(EXTRUSION
PROFILE 2276
421 SERIES
(EXTRUSION
PROFILE 1025)
SERIES
413
421
423 SERIES
(EXTRUSION PROFILE 1025)
A
F
K
V
Nominal Dimensions
Standard
Width
Length
Height “A”
Semiconductor
Thermal Performance at Typical Load
Weight
P/N
in. (mm)
in. (mm)
in. (mm)
Mounting Hole Pattern Natural Convection
Forced Convection
lbs. (grams)
413A
4.750 (120.7)
3.000 (76.2)
1.875 (47.6)
(1) TO-3
72° C @ 50W
0.85° C/W @ 250 LFM
0.6300 (285.77)
413F
4.750 (120.7)
3.000 (76.2)
1.875 (47.6)
0.270 in. (6.9)-Dia Hole
72° C @ 50W
0.85° C/W @ 250 LFM
0.6300 (285.77)
413K
4.750 (120.7)
3.000 (76.2)
1.875 (47.6)
None
72° C @ 50W
0.85° C/W @ 250 LFM
0.6300 (285.77)
421A
4.750 (120.7)
3.000 (76.2)
2.625 (66.7)
(1) TO-3
58° C @ 50W
0.7° C/W @ 250 LFM
0.6300 (285.77)
421F
4.750 (120.7)
3.000 (76.2)
2.625 (66.7)
0.270 in. (6.9)-Dia Hole
58° C @ 50W
0.7° C/W @ 250 LFM
0.6300 (285.77)
421K
4.750 (120.7)
3.000 (76.2)
2.625 (66.7)
None
58° C @ 50W
0.7° C/W @ 250 LFM
0.6300 (285.77)
423A
4.750 (120.7)
5.500 (140.2)
2.625 (66.7)
(1) TO-3
47° C @ 50W
0.5° C/W @ 250 LFM
1.1700 (530.71)
423K
4.750 (120.7)
5.500 (140.2)
2.625 (66.7)
None
47° C @ 50W
0.5° C/W @ 250 LFM
1.1700 (530.71)
Dimensions: in. (mm)
Dimensions: in. (mm)
MECHANICAL DIMENSIONS
SEMICONDUCTOR MOUNTING HOLES
NATURAL AND FORCED
CONVECTION CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com