Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THP210DR Datasheet(PDF) 21 Page - Texas Instruments

Part # THP210DR
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210DR Datasheet(HTML) 21 Page - Texas Instruments

Back Button THP210DR Datasheet HTML 17Page - Texas Instruments THP210DR Datasheet HTML 18Page - Texas Instruments THP210DR Datasheet HTML 19Page - Texas Instruments THP210DR Datasheet HTML 20Page - Texas Instruments THP210DR Datasheet HTML 21Page - Texas Instruments THP210DR Datasheet HTML 22Page - Texas Instruments THP210DR Datasheet HTML 23Page - Texas Instruments THP210DR Datasheet HTML 24Page - Texas Instruments THP210DR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
9.1.2.2 DC Error Voltage Over Temperature
The THP210 offers excellent dc accuracy at room temperature. In many applications, calibration techniques are
used to minimize the initial dc error; however, performing calibration over temperature is time-consuming and
expensive.
The advanced drift specification of the THP210 helps to further mitigate the system error over temperature.
Figure 9-3 depicts the total error voltage at these given conditions:
• Circuit configuration as shown in Figure 9-2
• Temperature range from –40°C to +125°C
• Resistor tolerance of 1%
Gain (1 V/V)
1
2
3
4
5
0
200
400
600
800
1000
V(ERR_TEMPCO(FDA1))
V(ERR_TEMPCO(THP210))
V(ERR_TEMPCO(FDA2))
Figure 9-3. Calculation of Error Voltage Over Temperature at Different Gain Settings (Variable R2)
The main contributors that are considered in this analysis are offset voltage drift, offset current drift, and bias
current drift. As a result of the ultra-low bias current drift of 15 pA/°C, the impact of higher gain resistors and
resistor tolerances marginally affects the error voltage with the THP210.
A use case at a gain of 5 V/V shows that the total dc error over temperature of the THP210 is at 66 µV, which is
at least a factor of 10 smaller compared to existing, state-of-the-art FDAs.
www.ti.com
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com