Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THP210DR Datasheet(PDF) 26 Page - Texas Instruments

Part # THP210DR
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210DR Datasheet(HTML) 26 Page - Texas Instruments

Back Button THP210DR Datasheet HTML 22Page - Texas Instruments THP210DR Datasheet HTML 23Page - Texas Instruments THP210DR Datasheet HTML 24Page - Texas Instruments THP210DR Datasheet HTML 25Page - Texas Instruments THP210DR Datasheet HTML 26Page - Texas Instruments THP210DR Datasheet HTML 27Page - Texas Instruments THP210DR Datasheet HTML 28Page - Texas Instruments THP210DR Datasheet HTML 29Page - Texas Instruments THP210DR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
9.1.7.2 Settling Time Driving the ADC Sample-and-Hold Operating Behavior
The RC filter between the amplifier and the ADC helps the amplifier drive the sampling capacitor during charging
(acquisition) and discharging (conversion) times. During the acquisition time, if the amplifier has a load transient
at the output, the time needed to recover (or settle) is commonly defined as the settling time. Typically, to
achieve minimal distortion, the end value to settle is within ½ of the ADC least significant bit (LSB).
The specified settling time of the FDA is the time required for the amplifier to recover from transients caused
at the THP210 output. Although the frequency response characteristics impact the settling time of the ADC
application, these characteristics are not the key element to consider. The settling time of the FDA to react to
load transients depends primarily on the output impedance of the amplifier at the required signal bandwidth.
Equation 5 calculates the settling time, considering the time constant of the RC combination:
settle
N
2
1
t
ln
2
SET
§
·
u
¨
¸
u
©
¹
(5)
where:
• N is the number of bits in the ADC application
• τ equals RF × CF
• SET = 2 for a settling of ½ LSB, SET = 4 for a settling of ¼ LSB, and so on.
In order to verify whether the chosen RC filter combination fulfills the settling behavior, simulate the desired
circuit with TINA-TI™ simulation software.
9.1.7.3 THD Performance
The input driver and the ADC both introduce harmonic distortion in the data acquisition block that generates
undesired signals in the output harmonically related to the input signal. Total harmonic distortion (THD) can be
very important in applications measuring ac signals. However, there are also ADC dc-measurement applications
that are only concerned with SNR and linearity. To make sure that the total system distortion performance is
not dominated by the front-end stage, the distortion of the driver circuitry must be at least 10 dB less than the
distortion of the ADC, as shown in Equation 6:
THDFDA ≤ THDADC – 10 dB
(6)
The harmonic distortion of an FDA mainly relates to the open-loop linearity in the output stage corrected by
the loop gain at the fundamental frequency. When the total load impedance decreases, including the effect of
the feedback resistors loadings, the output stage open-loop linearity degrades, and thus worsens the harmonic
distortion, as seen in Figure 6-10.
Another effect that results from the RC filter is that the load impedance changes over frequency, which also
influences the THD.
An additional dependency is given by the output voltage swing. Increasing the output voltage swing increases
the nonlinearities of the open-loop output stage, thus degrading the harmonic distortion.
In summary, the harmonic distortion is negatively affected not only with decreasing load impedance and
increasing output voltage swing, but also with increasing noise gain.
Section 9.2.2 provides an measurement results of the THD performance using the THP210 and the ADS891x
ADC series.
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com