Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRHT Datasheet(PDF) 2 Page - HellermannTyton.

Part # SRHT
Description  The Award Winning Multi Purpose Cable Installation Tool
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

SRHT Datasheet(HTML) 2 Page - HellermannTyton.

  SRHT Datasheet HTML 1Page - HellermannTyton. SRHT Datasheet HTML 2Page - HellermannTyton. SRHT Datasheet HTML 3Page - HellermannTyton. SRHT Datasheet HTML 4Page - HellermannTyton. SRHT Datasheet HTML 5Page - HellermannTyton. SRHT Datasheet HTML 6Page - HellermannTyton. SRHT Datasheet HTML 7Page - HellermannTyton. SRHT Datasheet HTML 8Page - HellermannTyton. SRHT Datasheet HTML 9Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
127
6.1
Essentials
The A w ard Winning Multi Purpose Cable Installation Tool
T
Cable Rod Flexibility
The Cable Rod range has been designed to provide
varied flexibility for a variety of applications.
To achieve this, multiple flexibilities are available:
Black Rods 'Stiffy’
6mm Thick
Red Rods ‘Standard’
5mm Thick
Yellow Rods ‘Floppy’
4mm Thick
White Rods ‘Super Flexi Lead’
5mm Thick
Black Flexi Lead
4mm Thick
Black Rods ‘Stiffy’
Ideal for situations where a little extra rigidity is needed.
Long runs with obstructions can be tackled with the extra
directional control these rods provide.
Red Rods ‘Standard’
These rods are designed to provide optimum flexibility and
stiffness to undertake the majority of cable installations.
Yellow Rods ‘Floppy’
More flexible than the Standard Red Rods, they can be
used in more confined areas and around sharper curves.
White Rods ‘Super Flexi’
These rods have a touch of useful memory and are so
flexible, they can even be tied in a knot!
Cable Rod Features & Benefits
• As voted for by installers - Three times winner of the
‘Top Product’ award from the UK's largest electrical magazine
Professional Electrician and Installer - 2001, 2002 & 2003.
• Winner of innovative product of the year 2005.
• Cable Rod is a multi-purpose cable routing tool.
• Saves 20% - 60% installation time on most jobs.
• 5mm diameter GRP (Glass Reinforced Plastic) rods provide an
excellent combination of strength and flexibility. Cables can be
pushed as well as pulled into place.
• The Cable Rods are non-conductive and will not break if
used correctly.
• Solid brass ends are tapered to reduce ‘snagging.’
• Installations are faster, cleaner, neater and frequently use fewer
materials - a winning combination for improved service,
profits and professionalism.
G_Ess IRISH Sect6
26/7/06
15:06
Page 127



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com