Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRHT Datasheet(PDF) 5 Page - HellermannTyton.

Part # SRHT
Description  The Award Winning Multi Purpose Cable Installation Tool
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

SRHT Datasheet(HTML) 5 Page - HellermannTyton.

  SRHT Datasheet HTML 1Page - HellermannTyton. SRHT Datasheet HTML 2Page - HellermannTyton. SRHT Datasheet HTML 3Page - HellermannTyton. SRHT Datasheet HTML 4Page - HellermannTyton. SRHT Datasheet HTML 5Page - HellermannTyton. SRHT Datasheet HTML 6Page - HellermannTyton. SRHT Datasheet HTML 7Page - HellermannTyton. SRHT Datasheet HTML 8Page - HellermannTyton. SRHT Datasheet HTML 9Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
130
6.3
Essentials
Additional Cable Rods
T
Product
Description
Reference
Standard Rod Pair
Two x 1 metre 5mm GRP rods. Ideal for adding
CRSR
more length to your existing system.
Super Flexi Lead Rod Pair
Two x 1 metre 5mm Super Flexi rods.
CRNR
These rods have a touch of useful memory and
are so flexible, they can even be tied in a knot!
Floppy Rod Pair
Two x 1 metre 4mm GRP rods.
CRFF
More flexible than the standard 5mm rods,
they can be used in more confined areas and
around sharper curves.
Stiffy Rod Pair
Two x 1 metre 6mm GRP rods.
CRST
Ideal for situations where a little extra rigidity
is needed. Long runs with obstructions can
be tackled with the extra directional control
these rods provide.
Floppy Swivel End Rod Pair
Two x 1 metre 4mm GRP Swivel End Rods.
SWRP-4
The unique fixed swivel end eliminates potential
unscrewing of rods created by cable trying to
return to its coiled state. Very useful when
working in tricky and complicated environments.
Standard Swivel End Rod Pair
Two x 1 metre 5mm GRP Swivel End Rods.
SWRP-5
The unique fixed swivel end eliminates potential
unscrewing of rods created by cable trying to
return to its coiled state. Very useful when
working in tricky and complicated environments.
Swivel End Glo Rod
500mm of Glo Rod with a fixed Swivel End.
GLSE
A great little attachment for illuminating any
dark space, whilst eradicating any problems,
which may be encountered by cable attempting
to return to its coiled state.
Mixed Rod Pair
Two x 1 metre 5mm. GRP rods.
MXR
1 x 5mm standard and 1 x 5mm Glo Rod with
Swivel End. A great combination for extending
the length to your system whilst having the
choice of illuminating dark spaces if needed.
Works on the same principle as solar cells, simply
charge up by holding near light and then plunge
into the darkness!
Additional Cable Rods
G_Ess IRISH Sect6
26/7/06
15:06
Page 130



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com