Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3T5-52 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS3T5-52
Description  3 W DC-DC CONVERTER FOR ECL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS3T5-52 Datasheet(HTML) 1 Page - STMicroelectronics

  GS3T5-52 Datasheet HTML 1Page - STMicroelectronics GS3T5-52 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS3T5-5.2
3 W DC-DC CONVERTER FOR ECL
June 1994
1/2
Type
Vi
Vo
Io
GS3T5-5.2
5 V
5,2 V
600 mA
DESCRIPTION
The GS3T5-5.2 is a 3.12W DC-DC converter de-
signed to provide an isolated 5.2V/600mA power
source.
The module operates from a 5V input source and
features continuous short-circuit protection.
ELECTRICAL CHARACTERISTICS (Tamb.= 25
° C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo = 5.2V
Io = 0 to 600mA
4.75
5.00
5.25
V
Iir
Reflected Input
Current
Vi = 5V
Vo = 5.2V
Io = 600mA
25
50
mApp
Vo
Output Voltage
Vi = 4.75 to 5.25V
Io = 0 to 600mA
5.04
5.20
5.36
V
Vor
Output Ripple
Voltage
Vi = 5V
Io = 600mA
515
mVRMS
Vorn
Total Output Ripple
and Noise Voltage
Vi = 5V
Io = 600mA
70
mVpp
δVOL
Line Regulation
Vi = 4.75 to 5.25V
Io = 600mA
210
mV
δVOO
Load Regulation
Vi = 5V
Io = 50 to 600mA
10
15
mV
Io
Output Current
Vi = 4.75 to 5.25V
Vo = 5.2V
0
600
mA
Iosc
Output Short-circuit
Current
Vi = 5V
900
1500
mA
Vis
Isolation Voltage
750
VDC
fs
Switching Frequency
Vi = 5V
Io = 600mA
70
kHz
η
Efficiency
Vi = 5V
Io = 600mA
70
75
%
Top
Operating Ambient
Temperature Range
Still Air
0
+60
°C
Top
Operating Ambient
Temperature Range
Forced Ventilation, air speed = 100 LFM
0
+70
°C
Tstg
Storage Temperature
Range
– 40
+85
°C


Similar Part No. - GS3T5-52

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS3T5-5.2 STMICROELECTRONICS-GS3T5-5.2 Datasheet
159Kb / 2P
3 W DC-DC CONVERTER FOR ECL
Jun-1994
More results

Similar Description - GS3T5-52

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS15T5-52 STMICROELECTRONICS-GS15T5-52 Datasheet
60Kb / 2P
15W DC-DC CONVERTER FOR ECL
Jun-1994
GS5T48-12 STMICROELECTRONICS-GS5T48-12 Datasheet
47Kb / 3P
5 W DC-DC CONVERTER
Jun-1994
GS3T5-5.2 STMICROELECTRONICS-GS3T5-5.2 Datasheet
159Kb / 2P
3 W DC-DC CONVERTER FOR ECL
Jun-1994
GS2T5-5 STMICROELECTRONICS-GS2T5-5 Datasheet
83Kb / 2P
2 W DC-DC CONVERTER
Jun-1994
logo
Power Integrations, Inc...
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
DI-37 POWERINT-DI-37 Datasheet
227Kb / 2P
16.5 W DC-DC Converter
DI-56 POWERINT-DI-56 Datasheet
371Kb / 2P
19.2 W DC-DC Converter
logo
Wall Industries,Inc.
MPQ48S24-100 WALL-MPQ48S24-100 Datasheet
389Kb / 7P
100 W DC-DC Converter
RA2405DUW8 WALL-RA2405DUW8 Datasheet
461Kb / 11P
8 W DC-DC Converter
RA2415UW8 WALL-RA2415UW8 Datasheet
411Kb / 11P
8 W DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com