Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20G12L2Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC20G12L2Y
Description  Automotive 1200 V, 20 A power Schottky high surge silicon carbide diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20G12L2Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC20G12L2Y Datasheet HTML 1Page - STMicroelectronics STPSC20G12L2Y Datasheet HTML 2Page - STMicroelectronics STPSC20G12L2Y Datasheet HTML 3Page - STMicroelectronics STPSC20G12L2Y Datasheet HTML 4Page - STMicroelectronics STPSC20G12L2Y Datasheet HTML 5Page - STMicroelectronics STPSC20G12L2Y Datasheet HTML 6Page - STMicroelectronics STPSC20G12L2Y Datasheet HTML 7Page - STMicroelectronics STPSC20G12L2Y Datasheet HTML 8Page - STMicroelectronics STPSC20G12L2Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
•
AEC-Q101 qualified and PPAP capable
•
None or negligible reverse recovery
•
Switching behavior independent of temperature
•
Robust high voltage periphery
•
Operating Tj from -55 °C to 175 °C
•
SMD with top side cooling package (HU3PAK)
•
ECOPACK2 compliant component
Applications
•
Vehicle to load converter
•
Wound rotor synchronous motor
•
HEV/EV OBC (On board battery chargers)
•
EV Charging station
Description
The SiC diode, available in HU3PAK (SMD topside cooling package), is a ultrahigh
performance power Schottky rectifier. It is manufactured using a silicon carbide
substrate. The wide band-gap material allows the design of a low VF Schottky diode
structure with a 1200 V rating. Thanks to the Schottky construction, no recovery is
shown during turn-off and ringing patterns are negligible. The minimal capacitive turn-
off behavior is independent of temperature.
Based on the latest technology optimization, this diode has an improved forward
surge current capability, making it ideal for use in PFC, where this ST SiC diode will
boost the performance in hard switching conditions while bringing robustness to the
design. Its high forward surge capability ensures a good robustness during transient
phases.
HU3PAK
A
K
K
A A
A A
A
NC
NC
A
A
A
A
Product label
Product status link
STPSC20G12L2Y
Product summary
IF(AV)
20 A
VRRM
1200 V
Tj (max.)
175 °C
VF (typ.)
1.35 V
Automotive 1200 V, 20 A power Schottky high surge silicon carbide diode
STPSC20G12L2Y
Datasheet
DS14787 - Rev 2 - October 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC20G12L2Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20G12 STMICROELECTRONICS-STPSC20G12 Datasheet
491Kb / 10P
1200 V, 20 A power Schottky high surge silicon carbide diode
08-Nov-2022
STPSC20G12-Y STMICROELECTRONICS-STPSC20G12-Y Datasheet
492Kb / 10P
Automotive 1200 V, 20 A power Schottky high surge silicon carbide diode
09-Nov-2022
STPSC20G12WL STMICROELECTRONICS-STPSC20G12WL Datasheet
491Kb / 10P
1200 V, 20 A power Schottky high surge silicon carbide diode
08-Nov-2022
STPSC20G12WLY STMICROELECTRONICS-STPSC20G12WLY Datasheet
492Kb / 10P
Automotive 1200 V, 20 A power Schottky high surge silicon carbide diode
09-Nov-2022
More results

Similar Description - STPSC20G12L2Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H12-Y STMICROELECTRONICS-STPSC10H12-Y Datasheet
534Kb / 10P
Automotive grade 1200 V power Schottky silicon carbide diode
23-Jan-2017
STPSC10H12G2Y-TR STMICROELECTRONICS-STPSC10H12G2Y-TR Datasheet
378Kb / 11P
Automotive 1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2Y-TR STMICROELECTRONICS-STPSC15H12G2Y-TR Datasheet
379Kb / 11P
Automotive 1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - September 2020
STPSC20H12G2-TR STMICROELECTRONICS-STPSC20H12G2-TR Datasheet
374Kb / 11P
1200 V, 20 A, silicon carbide power Schottky diode
Rev 1 - August 2020
logo
ON Semiconductor
FFSH20120A-F155 ONSEMI-FFSH20120A-F155 Datasheet
282Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 20 A
August, 2020 - Rev. 0
FFSB20120A-F085 ONSEMI-FFSB20120A-F085_V01 Datasheet
316Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 20 A
March, 2022 - Rev. 2
logo
STMicroelectronics
STPSC20H12CWY STMICROELECTRONICS-STPSC20H12CWY Datasheet
257Kb / 10P
20 A 1200 V power Schottky silicon carbide diode
24-Feb-2021
logo
WOLFSPEED, INC.
C4D20120A WOLFSPEED-C4D20120A Datasheet
1Mb / 9P
4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 6, March 2023
C4D20120H WOLFSPEED-C4D20120H Datasheet
485Kb / 9P
4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 2, November 2022
E4D20120A WOLFSPEED-E4D20120A Datasheet
1Mb / 9P
E-Series Automotive 4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 1, April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com