Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC139MJ Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC139MJ
Description  LinCMOS™ MICROPOWER QUAD COMPARATORS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC139MJ Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC139MJ Datasheet HTML 12Page - Texas Instruments TLC139MJ Datasheet HTML 13Page - Texas Instruments TLC139MJ Datasheet HTML 14Page - Texas Instruments TLC139MJ Datasheet HTML 15Page - Texas Instruments TLC139MJ Datasheet HTML 16Page - Texas Instruments TLC139MJ Datasheet HTML 17Page - Texas Instruments TLC139MJ Datasheet HTML 18Page - Texas Instruments TLC139MJ Datasheet HTML 19Page - Texas Instruments TLC139MJ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
TLC139, TLC339, TLC339Q
LinCMOS MICROPOWER QUAD COMPARATORS
16
WWW.TI.COM
TYPICAL APPLICATION DATA
12 V
Sense
3.3 k
Ω
5.1 k
Ω
1 k
Ω
12 V
12 V
2.5 V
1/4 TLC139/TLC339
1/4
TLC139/TLC339
5.1 k
Ω
R1
R2
To
µP Interrupt
Early Power Fail
5 V
5 V
10 k
Ω
1
µFCt
(see Note B)
To
µP
Reset
VCC
SENSE
RESIN
RESET
REF
CT
GND
TL7705A
NOTES:A. VUNREG =
B. The value of Ct determines the time delay of reset.
2.5 R1 ) R2
R2
Monitors 5-V Rail
Monitors 12-V Rail
Early Power Fail Warning
VUNREG
(see Note A)
Figure 20. Enhanced Supply Supervisor
12 V
12 V
12 V
5.1 k
Ω
100 k
Ω
100 k
Ω
100 k
Ω
22 k
Ω
1/4
TLC139/TLC339
1/4 TLC139/TLC339
1/4 TLC139/TLC339
R1
100 k
Ω
(see Note B)
R3
100 k
Ω
(see Note B)
R3
5 k
Ω
(see Note C)
12 V
12 V
5.1 k
Ω
5.1 k
Ω
Output 1
Output 2
Output 1
Output 2
C1
0.01
µF
(see Note A)
NOTES: A. Select C1 for a change in oscillator frequency where:
1/f = 1.85 (100 k
Ω)C1
B. Select R1 and R3 to change duty cycle
C. Select R2 to change deadtime
Figure 21. Two-Phase Nonoverlapping Clock Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com