Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5948APWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # TLC5948APWPR
Description  16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit DC and 7-Bit Global BC LED Lamp
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5948APWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC5948APWPR Datasheet HTML 18Page - Texas Instruments TLC5948APWPR Datasheet HTML 19Page - Texas Instruments TLC5948APWPR Datasheet HTML 20Page - Texas Instruments TLC5948APWPR Datasheet HTML 21Page - Texas Instruments TLC5948APWPR Datasheet HTML 22Page - Texas Instruments TLC5948APWPR Datasheet HTML 23Page - Texas Instruments TLC5948APWPR Datasheet HTML 24Page - Texas Instruments TLC5948APWPR Datasheet HTML 25Page - Texas Instruments TLC5948APWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
1
2
3
4
NodriversturnonwhenGSdataare '0'.
GSCLK
OUTn
(GSDATA=000h)
ON
OFF
ON
OFF
t=GSCLK
1
´
OUTn
(GSDATA=001h)
ON
OFF
t=GSCLK
2
´
ON
OFF
t=GSCLK
3
´
ON
OFF
ON
OFF
OUTn
(GSDATA=002h)
OUTn
(GSDATA=003h)
OUTn
(GSDATA=7FFFh)
OUTn
(GSDATA=8000h)
ON
OFF
ON
OFF
ON
OFF
OUTn
(GSDATA=FFFEh)
OUTn
(GSDATA=FFFFh)
OUTn
(GSDATA=8001h)
ON
OFF
OUTn
(GSDATA=FFFDh)
See(2)
(V
)
OUTnH
(V
)
OUTnL
(V
)
OUTnH
32768
32769
32770
BLANKBit
(Internal)
(1)
1
2
3 4
65535
65536
65537
(V
)
OUTnL
(V
)
OUTnH
(V
)
OUTnL
(V
)
OUTnH
(V
)
OUTnL
(V
)
OUTnH
(V
)
OUTnL
(V
)
OUTnH
(V
)
OUTnL
(V
)
OUTnH
(V
)
OUTnL
(V
)
OUTnH
(V
)
OUTnL
(V
)
OUTnH
(V
)
OUTnL
(V
)
OUTnH
(V
)
OUTnL
See(3)
See(4)
t=GSCLK
32768
´
t=GSCLK
65535
´
t=GSCLK
32769
´
t=GSCLK
65533
´
t=GSCLK
65534
´
t=GSCLK
32767
´
TLC5948A
SBVS192A – MARCH 2012 – REVISED DECEMBER 2012
www.ti.com
(1) The internal signal is generated when LAT inputs GS data with the display timing reset bit (TMGRST) set to '1'. This signal has the same
function as a BLANK = 1 pulse. Furthermore, the signal is generated at the 65,536th GSCLK when the auto display repeat bit (DSPRPT) is
set to '1'.
(2) The GS counter begins to count GSCLK pulses after the BLANK bit is set to '0' or when the LAT signal for a GS data write is input with
the display time reset mode enabled.
(3) OUTn turns on at the first GSCLK rising edge except when GS data are '0' after the BLANK bit is set to '0' or when the LAT signal for a
GS data write is input with the display time reset mode enabled.
(4) OUTn does not turn on again until BLANK is set to '1' once, except when the TMGRST or DSPRPT bits are '1'.
Figure 25. Conventional PWM Operation
Enhanced Spectrum (ES) PWM Control
In this PWM control, the total display period is divided into 128 display segments. The total display period is the
time from the first GS clock (GSCLK) to the 65,536th GSCLK input after the BLANK bit is set to '0'. Each display
segment has a maximum of 512 GSCLKs. The OUTn on-time changes, depending on the 16-bit GS data. Refer
to Table 6 for the sequence of information and to Figure 26 for the timing information.
22
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5948A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com