Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5948APWPR Datasheet(PDF) 29 Page - Texas Instruments

Part # TLC5948APWPR
Description  16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit DC and 7-Bit Global BC LED Lamp
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5948APWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLC5948APWPR Datasheet HTML 25Page - Texas Instruments TLC5948APWPR Datasheet HTML 26Page - Texas Instruments TLC5948APWPR Datasheet HTML 27Page - Texas Instruments TLC5948APWPR Datasheet HTML 28Page - Texas Instruments TLC5948APWPR Datasheet HTML 29Page - Texas Instruments TLC5948APWPR Datasheet HTML 30Page - Texas Instruments TLC5948APWPR Datasheet HTML 31Page - Texas Instruments TLC5948APWPR Datasheet HTML 32Page - Texas Instruments TLC5948APWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
Lower 137 Bits
Second Control Data Latch (119 Bits)
7 Bits
112 Bits
13-7
20-14
27-21
97-91
104-98
111-105
MSB
118-112
90-84
BC
Bits[6:0]
for OUTn
To
Global Brightness
Control Circuit
To
Dot Correction
Circuit
LSB
6-0
DC
Bits[6:0]
OUT15
DC
Bits[6:0]
OUT12
DC
Bits[6:0]
OUT13
DC
Bits[6:0]
OUT14
DC
Bits[6:0]
OUT3
DC
Bits[6:0]
OUT2
DC
Bits[6:0]
OUT1
DC
Bits[6:0]
OUT0
BC,
7 Bits
DC, 112 Bits
First Control Data Latch (137 Bits)
18 Bits
MSB
136-119
13-7
20-14
27-21
97-91
104-98
111-105
118-112
FC,
18 Bits
90-84
FC
Bits
17-0
BC
Bits[6:0]
for OUTn
To
Function
Control Circuit
LSB
6-0
DC
Bits[6:0]
OUT15
DC
Bits[6:0]
OUT12
DC
Bits[6:0]
OUT13
DC
Bits[6:0]
OUT14
DC
Bits[6:0]
OUT3
DC
Bits[6:0]
OUT2
DC
Bits[6:0]
OUT1
DC
Bits[6:0]
OUT0
BC,
7 Bits
DC, 112 Bits
119 Bits
From Common Shift Register
This latch pulse comes
from the LAT pin when
the MSB of the Common
Shift Register is ‘1’.
The 65,536th GSCLK is used
to latch the data when the
Auto Display Repeat is
enabled or when the BLANK bit
is set to ‘1’.
TLC5948A
www.ti.com
SBVS192A – MARCH 2012 – REVISED DECEMBER 2012
First and Second Control Data Latch
The first and second control data latches are 137 bits and 119 bits long, respectively. The first latch contains dot
correction (DC) data, global brightness control (BC) data, and function control (FC) data; the second latch
contains DC data and global BC data. The DC for each constant-current output and the BC for all constant-
current outputs are controlled by the second control data latch. The control data in the first latch are set by the
least significant 137 bits from the common shift register at the LAT rising edge when the common shift register
MSB is '1'. The 119 bits of DC and BC data from the first control data latch are copied to the second latch when
the 65,536th GSCLK occurs or when the BLANK bit in the first control data latch is set to '1'.
When the device is powered up, the data in the first latch (except the BLANK and PSMODE bits of the FC bits)
and second latch are random. Therefore, DC, BC, and FC data must be written to the first and second control
data latches before turning on the constant-current outputs. The default value of the BLANK bit is '1'. The first
and second control data latch configurations are shown in Figure 32.
Figure 32. First and Second Control Data (DC, BC, and FC) Latch Configuration
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TLC5948A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com