Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5948APWPR.B Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC5948APWPR.B
Description  16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit DC and 7-Bit Global BC LED Lamp
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5948APWPR.B Datasheet(HTML) 2 Page - Texas Instruments

  TLC5948APWPR.B Datasheet HTML 1Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 2Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 3Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 4Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 5Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 6Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 7Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 8Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
TLC5948A
SBVS192A – MARCH 2012 – REVISED DECEMBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE AND ORDERING INFORMATION(1)
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
PACKAGE-LEAD
DESIGNATOR
NUMBER
QUANTITY
TLC5948ADBQR
Tape and Reel, 2500
SSOP-24, QSOP-24
DBQ
TLC5948ADBQ
Tube, 50
TLC5948A
TLC5948APWPR
Tape and Reel, 2000
HTSSOP-24 PowerPAD™
PWP
TLC5948APWP
Tube, 60
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
MIN
MAX
UNIT
VCC
–0.3
+6.0
V
SIN, SCLK, LAT, GSCLK, IREF
–0.3
VCC + 0.3
V
Voltage(2)
SOUT
–0.3
VCC + 0.3
V
OUT0 to OUT15
–0.3
+11
V
Current
OUT0 to OUT15
+70
mA
Operating junction, TJ (max)
+150
°C
Temperature
Storage, Tstg
–55
+150
°C
Human body model (HBM)
4000
V
Electrostatic discharge (ESD)
ratings:
Charged device model (CDM)
2000
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to device ground terminal.
THERMAL INFORMATION
TLC5948A
DBQ
PWP
THERMAL METRIC(1)
UNITS
(SSOP, QSOP)
(HTSSOP)
24 PINS
24 PINS
θJA
Junction-to-ambient thermal resistance
80.4
39.9
θJCtop
Junction-to-case (top) thermal resistance
44.2
23.2
θJB
Junction-to-board thermal resistance
33.5
21.5
°C/W
ψJT
Junction-to-top characterization parameter
8.8
0.6
ψJB
Junction-to-board characterization parameter
33.2
21.3
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
3.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5948A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com