Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5948APWPR.B Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC5948APWPR.B
Description  16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit DC and 7-Bit Global BC LED Lamp
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5948APWPR.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC5948APWPR.B Datasheet HTML 17Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 18Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 19Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 20Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 21Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 22Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 23Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 24Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
TLC5948A
www.ti.com
SBVS192A – MARCH 2012 – REVISED DECEMBER 2012
Table 5 summarizes the GS data values versus the output on-time duty cycle. When the device powers up, the
BLANK bit in the first control data latch is set to '1'. The 257-bit common shift register and the first and second
GS data latches contain random data. Therefore, GS data must be written to the GS latches before the BLANK
bit is set to '0'. All constant-current outputs are off when the BLANK bit is '1'.
Table 5. Output Duty Cycle and On-Time versus GS Data
GS DATA
GS DATA
DECIMAL
HEX
ON-TIME DUTY (%)
DECIMAL
HEX
ON-TIME DUTY (%)
0
0
0
32768
8000
50.001
1
1
0.002
32769
8001
50.002
2
2
0.003
32770
8002
50.004
3
3
0.005
32771
8003
50.005
—
—
—
—
—
—
8191
1FFF
12.499
40959
9FFF
62.499
8192
2000
12.500
40960
A000
62.501
8193
2001
12.502
40961
A001
62.502
—
—
—
—
—
—
16381
3FFD
24.996
49149
BFFD
74.997
16382
3FFE
24.997
49150
BFFE
74.998
16383
3FFF
24.999
49151
BFFF
75.000
16384
4000
25.000
49152
C000
75.001
16385
4001
25.002
49153
C001
75.003
16386
4002
25.003
49154
C002
75.004
16387
4003
25.005
49155
C003
75.006
—
—
—
—
—
—
24575
5FFF
37.499
57343
DFFF
87.500
24576
6000
37.501
57344
E000
87.501
24577
6001
37.502
57345
E001
87.503
—
—
—
—
—
—
32765
7FFD
49.996
65533
FFFD
99.997
32766
7FFE
49.998
65534
FFFE
99.998
32767
7FFF
49.999
65535
FFFF
100.000
Conventional PWM Control
In this PWM control, the GS clock is enabled when the BLANK bit is set to '0'. The first GS clock rising edge after
the BLANK bit is set to '0' increments the GS counter by one and switches on all outputs with a non-zero GS
value programmed into the second GS data latch. Each additional GS clock rising edge increases the
corresponding GS counter by one.
The GS counter keeps track of the number of clock pulses from the GS clock inputs. Each output stays on while
the counter is less than or equal to the programmed GS value. Each output turns off at the GS counter value
rising edge when the counter becomes greater than the output GS latch value. Figure 25 illustrates the
conventional PWM operation.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TLC5948A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com