Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV07 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV07
Description  TLV07 36-V Precision, Rail-to-Rail Output Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV07 Datasheet(HTML) 4 Page - Texas Instruments

  TLV07 Datasheet HTML 1Page - Texas Instruments TLV07 Datasheet HTML 2Page - Texas Instruments TLV07 Datasheet HTML 3Page - Texas Instruments TLV07 Datasheet HTML 4Page - Texas Instruments TLV07 Datasheet HTML 5Page - Texas Instruments TLV07 Datasheet HTML 6Page - Texas Instruments TLV07 Datasheet HTML 7Page - Texas Instruments TLV07 Datasheet HTML 8Page - Texas Instruments TLV07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
TLV07
SBOS832A – JULY 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: TLV07
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Short-circuit to ground, one amplifier per package.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range, unless otherwise noted.
(1)
MIN
MAX
UNIT
Supply voltage
–20
20
V
Single supply voltage
40
V
Signal input pin voltage
(V–) – 0.5
(V+) + 0.5
V
Signal input pin current
–10
10
mA
Output short-circuit current(2)
Continuous
Operating ambient temperature, TA
–40
125
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage (VS = V+ – V–)
2.7
36
V
TA
Operating temperature
–40
125
°C
6.4 Thermal Information: TLV07
THERMAL METRIC
TLV07
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
149.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
97.9
°C/W
RθJB
Junction-to-board thermal resistance
87.7
°C/W
ψJT
Junction-to-top characterization parameter
35.5
°C/W
ψJB
Junction-to-board characterization parameter
89.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com