Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV07 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV07
Description  TLV07 36-V Precision, Rail-to-Rail Output Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV07 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV07 Datasheet HTML 5Page - Texas Instruments TLV07 Datasheet HTML 6Page - Texas Instruments TLV07 Datasheet HTML 7Page - Texas Instruments TLV07 Datasheet HTML 8Page - Texas Instruments TLV07 Datasheet HTML 9Page - Texas Instruments TLV07 Datasheet HTML 10Page - Texas Instruments TLV07 Datasheet HTML 11Page - Texas Instruments TLV07 Datasheet HTML 12Page - Texas Instruments TLV07 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
0
200
400
600
800
1000
1200
0
9
18
27
36
Supply Voltage (V)
C001
V
S = 4.5 V
-30
0
30
60
90
120
150
180
±20
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
C001
Open-loop Gain
Phase
-140
-120
-100
-80
-60
-40
0.00001
0.0001
0.001
0.01
0.1
1
0.01
0.1
1
10
Output Amplitude (V
RMS)
G = -1, 600-
Load
G = -1, 2k-
Load
G = -1, 10k-
Load
G = +1, 600-
Load
G = +1, 2k-
Load
G = +1, 10k-
Load
C004
600
700
800
900
1000
1100
1200
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
S = ± 15 V
V
S = ± 2.25 V
1
10
100
1000
1
10
100
1k
10k
Frequency (Hz)
C002
-140
-120
-100
-80
-60
-40
0.00001
0.0001
0.001
0.01
0.1
1
20
200
2k
20k
Frequency (Hz)
G = -1, 2k-
Load
G = -1, 600-
Load
G = -1, 10k-
Load
G = +1, 2k-
Load
G = +1, 600-
Load
G = +1, 10k-
Load
C004
9
TLV07
www.ti.com
SBOS832A – JULY 2017 – REVISED AUGUST 2017
Product Folder Links: TLV07
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 13. Input Voltage Noise Spectral Density vs
Frequency
Figure 14. THD + N Ratio vs Frequency
Figure 15. THD + N vs Output Amplitude
Figure 16. Quiescent Current vs Temperature
Figure 17. Quiescent Current vs Supply Voltage
Figure 18. Open-Loop Gain and Phase vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com