Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV316 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV316
Description  TLVx316-Q1 10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV316 Datasheet(HTML) 2 Page - Texas Instruments

  TLV316 Datasheet HTML 1Page - Texas Instruments TLV316 Datasheet HTML 2Page - Texas Instruments TLV316 Datasheet HTML 3Page - Texas Instruments TLV316 Datasheet HTML 4Page - Texas Instruments TLV316 Datasheet HTML 5Page - Texas Instruments TLV316 Datasheet HTML 6Page - Texas Instruments TLV316 Datasheet HTML 7Page - Texas Instruments TLV316 Datasheet HTML 8Page - Texas Instruments TLV316 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
TLV316-Q1, TLV2316-Q1, TLV4316-Q1
SBOS845B – NOVEMBER 2016 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: TLV316-Q1 TLV2316-Q1 TLV4316-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 7
7.1
Absolute Maximum Ratings ...................................... 7
7.2
ESD Ratings ............................................................ 7
7.3
Recommended Operating Conditions ....................... 7
7.4
Thermal Information: TLV316-Q1 ............................. 8
7.5
Thermal Information: TLV2316-Q1 ........................... 8
7.6
Thermal Information: TLV4316-Q1 ........................... 8
7.7
Electrical Characteristics........................................... 9
7.8
Typical Characteristics: Table of Graphs ................ 10
7.9
Typical Characteristics ............................................ 11
8
Detailed Description ............................................ 14
8.1
Overview ................................................................. 14
8.2
Functional Block Diagram ....................................... 14
8.3
Feature Description................................................. 15
8.4
Device Functional Modes........................................ 16
9
Application and Implementation ........................ 17
9.1
Application Information............................................ 17
9.2
System Examples ................................................... 17
10
Power Supply Recommendations ..................... 18
10.1
Input and ESD Protection ..................................... 18
11
Layout................................................................... 19
11.1
Layout Guidelines ................................................. 19
11.2
Layout Example .................................................... 19
12
Device and Documentation Support ................. 20
12.1
Documentation Support ........................................ 20
12.2
Related Links ........................................................ 20
12.3
Community Resources.......................................... 20
12.4
Trademarks ........................................................... 20
12.5
Electrostatic Discharge Caution ............................ 21
12.6
Glossary ................................................................ 21
13
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
Changes from Revision A (December 2016) to Revision B
Page
•
Corrected typo; changed part numbers from TLV314, TLV2314, and TLV4314 to TLV316-Q1, TLV2316-Q1, and
TLV4316-Q1 in Features section ........................................................................................................................................... 1
•
Changed values in the Thermal Information: TLV4316-Q1 table to align with JEDEC standards. ........................................ 8
Changes from Original (November 2016) to Revision A
Page
•
Changed the CDM ESD Classification Level from C6 to C5 in the Features section ............................................................ 1
•
Deleted the SC70 (5), SOIC (8), and SOIC (14) packages from the Device Information table ............................................ 1
•
Deleted the DCK (SC70) package from the TLV316-Q1 pinout diagram in the Pin Configurations and Functions
section ................................................................................................................................................................................... 4
•
Deleted the DCK (SC70) pinout information from the Pin Functions: TLV316-Q1 table in the Pin Configurations and
Functions section ................................................................................................................................................................... 4
•
Deleted D (SOIC) package from the TLV2316-Q1 pinout diagram in the Pin Configurations and Functions section .......... 5
•
Deleted the D (SOIC) package from TLV4316-Q1 pinout diagram in the Pin Configurations and Functions section ........... 6
•
Changed the ESD Ratings table from commercial to automotive specifications .................................................................. 7
•
Changed the CDM ESD rating from ±1500 to ±750 in the ESD Ratings table ..................................................................... 7
•
Deleted the DCK (SC70) package from the Thermal Information: TLV316-Q1 table in the Specifications section............... 8
•
Changed the formatting of all Thermal Information table notes ............................................................................................ 8
•
Deleted the D (SOIC) package from the Thermal Information: TLV2316-Q1 table in the Specifications section.................. 8
•
Deleted the D (SOIC) package from the Thermal Information: TLV4316-Q1 table in the Specifications section ................. 8
•
Deleted the static literature number in the SBOA128 application note reference in the EMI Susceptibility and Input
Filtering section..................................................................................................................................................................... 16
•
Deleted the static literature number in document reference in the Layout Guidelines section ........................................... 19
•
Changed the layout example image (Figure 41) in Layout Example section ....................................................................... 19
•
Deleted the static literature numbers from document references in Related Documentation section ................................ 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com