Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV316 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV316
Description  TLVx316-Q1 10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV316 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV316 Datasheet HTML 8Page - Texas Instruments TLV316 Datasheet HTML 9Page - Texas Instruments TLV316 Datasheet HTML 10Page - Texas Instruments TLV316 Datasheet HTML 11Page - Texas Instruments TLV316 Datasheet HTML 12Page - Texas Instruments TLV316 Datasheet HTML 13Page - Texas Instruments TLV316 Datasheet HTML 14Page - Texas Instruments TLV316 Datasheet HTML 15Page - Texas Instruments TLV316 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
30
40
50
60
70
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
I
SC, Source
I
SC, Sink
0
20
40
60
80
100
10M
100M
1G
10G
Frequency (Hz)
C036
Time (200 ns/div)
CL = 10 pF
CL = 100 pF
C030
CL
RL
±
+
VIN = 100 mVpp
+ 2.75 V
± 2.75 V
Device
+
±
C
L = 10 pF
C
L = 100 pF
Time (100 ns/div)
C031
CL
RL
±
+
VIN = 1 Vpp
+ 2.75 V
± 2.75 V
Device
+
±
V
OUT
V
IN
0
10
20
30
40
50
0p
100p
200p
300p
Capacitive Load (F)
C025
±
+
RI = 1 kohm
VIN = 100 mVpp
+ 2.75 V
± 2.75 V
CL
Device
+
±
RF = 1 kohm
Time (100 s/div)
C027
V
OUT
V
IN
6.1 VPP
Sine Wave
±
+
VOUT
+ 2.75 V
± 2.75 V
Device
+
±
12
TLV316-Q1, TLV2316-Q1, TLV4316-Q1
SBOS845B – NOVEMBER 2016 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: TLV316-Q1 TLV2316-Q1 TLV4316-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, (unless otherwise noted)
V+ = 2.75 V, V– = –2.75 V, G = –1 V/V
Figure 7. Small-Signal Overshoot vs Load Capacitance
V+ = 2.75 V, V– = –2.75 V
Figure 8. No Phase Reversal
V+ = 2.75 V, V– = –2.75 V, G = 1 V/V
Figure 9. Small-Signal Step Response
V+ = 2.75 V, V– = –2.75 V, CL = 100 pF, G = 1 V/V
Figure 10. Large-Signal Step Response
Figure 11. Short-Circuit Current vs Temperature
PRF = –10 dBm
Figure 12. Electromagnetic Interference Rejection Ratio
Referred to Noninverting Input vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com