Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV379IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV379IDBVT
Description  TLVx379 Cost-Optimized, Low-Voltage, 4-μA, Rail-to-Rail I/O Operational Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV379IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV379IDBVT Datasheet HTML 4Page - Texas Instruments TLV379IDBVT Datasheet HTML 5Page - Texas Instruments TLV379IDBVT Datasheet HTML 6Page - Texas Instruments TLV379IDBVT Datasheet HTML 7Page - Texas Instruments TLV379IDBVT Datasheet HTML 8Page - Texas Instruments TLV379IDBVT Datasheet HTML 9Page - Texas Instruments TLV379IDBVT Datasheet HTML 10Page - Texas Instruments TLV379IDBVT Datasheet HTML 11Page - Texas Instruments TLV379IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8
TLV379, TLV2379, TLV4379
SBOS785B – APRIL 2016 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: TLV379 TLV2379 TLV4379
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
See typical characteristic graph, Common-Mode Rejection Ratio vs Frequency (Figure 2).
7.7 Electrical Characteristics: VS = 1.8 V to 5.5 V
at TA = 25°C, RL = 25 kΩ connected to VS / 2, and VCM < (V+) – 1 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V
0.8
2.5
mV
dVOS/dT
VOS drift
TA = –40°C to +125°C
3
μV/°C
PSRR
Power-supply rejection ratio
92
104
dB
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio(1)
(V–) < VCM < (V+) – 1 V
85
100
dB
TA = –40°C to +125°C,
(V–) < VCM < (V+) – 1 V
62
INPUT BIAS CURRENT
IIB
Input bias current
VS = 5 V, VCM ≤ VS / 2
±5
pA
IIO
Input offset current
VS = 5 V
±5
pA
INPUT IMPEDANCE
Differential
1013 || 3
Ω || pF
Common-mode
1013 || 6
Ω || pF
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
2.8
μVPP
en
Input voltage noise density
f = 1 kHz
83
nV/
√Hz
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 5 V, RL = 5 kΩ,
500 mV < VO < (V+) – 500 mV
90
110
dB
OUTPUT
Voltage output swing from rail
RL = 5 kΩ
25
50
mV
TA = –40°C to +125°C, RL = 5 kΩ
75
ISC
Short-circuit current
±5
mA
CLOAD
Capacitive load drive
See Capacitive Load and Stability section
ROUT
Closed-loop output impedance
G = 1, f = 1 kHz, IO = 0
10
Ω
RO
Open-loop output impedance
f = 100 kHz, IO = 0
28
k
Ω
FREQUENCY RESPONSE (CLOAD = 30 pF)
GBW
Gain bandwidth product
90
kHz
SR
Slew rate
G = 1
0.03
V/μs
Overload recovery time
VIN × Gain > VS
25
μs
tON
Turn-on time
1
ms
POWER SUPPLY
VS
Specified, operating voltage range
1.8
5.5
V
IQ
Quiescent current per amplifier
VS = 5 V, TA = –40°C to +125°C
4
12
μA
TEMPERATURE
TA
Specified, operating range
–40
125
°C
Tstg
Storage range
–65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com